Electronic Components Datasheet Search
  English  ▼

X  

MIRA030 Datasheet(PDF) 22 Page - OSRAM GmbH

Part # MIRA030
Description  0.3MP global shutter CMOS image sensor
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

MIRA030 Datasheet(HTML) 22 Page - OSRAM GmbH

Back Button MIRA030 Datasheet HTML 18Page - OSRAM GmbH MIRA030 Datasheet HTML 19Page - OSRAM GmbH MIRA030 Datasheet HTML 20Page - OSRAM GmbH MIRA030 Datasheet HTML 21Page - OSRAM GmbH MIRA030 Datasheet HTML 22Page - OSRAM GmbH MIRA030 Datasheet HTML 23Page - OSRAM GmbH MIRA030 Datasheet HTML 24Page - OSRAM GmbH MIRA030 Datasheet HTML 25Page - OSRAM GmbH MIRA030 Datasheet HTML 26Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 47 page
background image
Mira030
Functional description
Datasheet
• PUBLIC • Document Feedback
DS001021
• v3-00 • 2024-Feb-07
22 / 47
/
Figure 13 shows the data packet transmission diagram of the MIPI working in 2-lane. It should
be noted that the number of data packages transmitting in 2-lane must be an even number.
Figure 13: MIPI 2-lane data package transmission
In Figure 14, DI consists of two parts, Virtual Channel (VC) and Data Type (DT). By default,
the MIPI data VC value given by this chip is 0, and values of DT are shown in Table 13.
Figure 14: MIPI data packet DI structure
Table 13: MIPI data types
DT
Description
6’h00
Frame start short packet
6’h01
Frame end short packet
6’h2a
8-bit data long packet
6’h2b
10-bit data long packet
6’h2c
12-bit data long packet
Other useful MIPI control register can be found below.in Table 14.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com