Electronic Components Datasheet Search
  English  ▼

X  

MMBTA92W Datasheet(PDF) 2 Page - Goodwork Semiconductor Co., Ltd .

Part # MMBTA92W
Description  TRANSISTOR(PNP)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

MMBTA92W Datasheet(HTML) 2 Page - Goodwork Semiconductor Co., Ltd .

  MMBTA92W Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . MMBTA92W Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd . MMBTA92W Datasheet HTML 3Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Typical Characteristics
TA92W
MMB
TRANSISTOR(PNP)
-0.1
-1
-10
-100
-300
-600
-900
-0.1
-1
-10
-10
-100
-0.1
-1
-10
-100
10
100
1000
0
4
8
12
16
20
24
0
10
20
30
40
50
60
70
β=10
I
C
V
BEsat
——
COLLECTOR CURREMT I
C
(mA)
T
a
=100 ℃
T
a
=25℃
T
a
=100 ℃
T
a
=25℃
β=10
I
C
V
CEsat
——
COLLECTOR CURREMT I
C
(mA)
-50
-50
-500
I
C
h
FE
——
T
a
=100℃
T
a
=25℃
COLLECTOR CURRENT I
C
(mA)
COMMON EMITTER
V
CE
= -10V
-300
COMMON
EMITTER
T
a
=25℃
-500uA
-450uA
-400uA
-350uA
-300uA
-250uA
-200uA
-150uA
-100uA
I
B
=-50uA
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
I
C
——
V
CE
-0
-300
-600
-900
-1200
-0.1
-1
-10
-100
-0.1
-1
-10
-100
10
100
0
25
50
75
100
125
150
0
50
100
150
200
250
300
350
-0.1
-1
-10
1
10
100
COMMON EMITTER
V
CE
= -10V
V
BE
I
C
——
BASE-EMMITER VOLTAGE V
BE
(mV)
I
C
f
T
——
COMMON EMITTER
V
CE
=-20V
T
a
=25℃
300
COLLECTOR CURRENT I
C
(mA)
P
C
—— T
a
AMBIENT TEMPERATURE T
a
(℃)
f=1MHz
I
E
=0/I
C
=0
T
a
=25 ℃
V
CB
/V
EB
C
ob
/C
ib
——
C
ob
C
ib
REVERSE VOLTAGE V (V)
-20



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com