Electronic Components Datasheet Search
  English  ▼

X  

AM67A Datasheet(PDF) 84 Page - Texas Instruments

Part # AM67A
Description  AM67x Processors
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM67A Datasheet(HTML) 84 Page - Texas Instruments

Back Button AM67A Datasheet HTML 80Page - Texas Instruments AM67A Datasheet HTML 81Page - Texas Instruments AM67A Datasheet HTML 82Page - Texas Instruments AM67A Datasheet HTML 83Page - Texas Instruments AM67A Datasheet HTML 84Page - Texas Instruments AM67A Datasheet HTML 85Page - Texas Instruments AM67A Datasheet HTML 86Page - Texas Instruments AM67A Datasheet HTML 87Page - Texas Instruments AM67A Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 235 page
background image
T
overshoot
T
undershoot
T
period
Overshoot = 20% of nominal
IO supply voltage
Undershoot = 20% of nominal
IO supply voltage
A.
Tovershoot + Tundershoot < 20% of Tperiod
Figure 6-1. IO Transient Voltage Ranges
6.2 ESD Ratings for Devices which are not AEC - Q100 Qualified
VALUE
UNIT
V(ESD)
Electrostatic discharge
(ESD)
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±1000
V
Charged-device model (CDM), per ANSI/ESDA/JEDEC JS-002(2)
±250
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Power-On Hours (POH)
POWER ON HOURS (POH)(1) (2) (3)
JUNCTION TEMPERATURE RANGE (TJ)(4)
LIFETIME (POH)
–40°C to 105°C
100000
–40°C to 125°C
20000(5)
(1)
This information is provided solely for your convenience and does not extend or modify the
warranty provided under TI's standard terms and conditions for TI semiconductor products.
(2)
Unless specified in the table above, all voltage domains and operating conditions are supported in
the device at the noted temperatures.
(3)
POH is a function of voltage, temperature and time. Usage at higher voltages and temperatures will
result in a reduction in POH.
(4)
Either –40 to 105C or –40 to 125C profile should be chosen and applied through the lifetime of
the application. Mixing of these profiles for the purposes of extending temperature and/or POH may
result in increased reliability failure risk and is not recommended.
(5)
The –40 to 125C profile is defined as 20000 power on hours with a junction temperature as follows:
5%@–40°C, 65%@70°C, 20%@110°C, and 10%@125°C.
AM67, AM67A
SPRSPA3 – MARCH 2024
www.ti.com
84
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM67 AM67A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com