Electronic Components Datasheet Search
  English  ▼

X  

1751620 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1751620
Description  FFKDSA1/V1-5,08-18 - PCB terminal block
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1751620 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1751620 Datasheet HTML 1Page - PHOENIX CONTACT 1751620 Datasheet HTML 2Page - PHOENIX CONTACT 1751620 Datasheet HTML 3Page - PHOENIX CONTACT 1751620 Datasheet HTML 4Page - PHOENIX CONTACT 1751620 Datasheet HTML 5Page - PHOENIX CONTACT 1751620 Datasheet HTML 6Page - PHOENIX CONTACT 1751620 Datasheet HTML 7Page - PHOENIX CONTACT 1751620 Datasheet HTML 8Page - PHOENIX CONTACT 1751620 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
PCB terminal block, nominal current: 15 A, rated voltage (III/2): 400 V, nominal cross section: 1.5
mm2, number of potentials: 18, number of rows: 1, number of positions per row: 18, product
range: FFKDS(A)/V1, pitch: 5.08 mm, connection method: Push-in spring connection, mounting:
Wave soldering, conductor/PCB connection direction: 90 °, color: green, Pin layout: Linear
pinning, Solder pin [P]: 3.4 mm, number of solder pins per potential: 2, type of packaging:
packed in cardboard
Your advantages
Time saving push-in connection, tools not required
•
Defined contact force ensures that contact remains stable over the long term
•
Intuitive operation due to color-coded actuating push button
•
Operation and conductor connection from one direction enable integration into front of device
•
Two solder pins reduce the mechanical strain on the soldering spots
•
The latching on the side enables various numbers of positions to be combined
•
Vertical connection enables multi-row arrangement on the PCB
•
Commercial data
Item number
1751620
Packing unit
10 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Product key
AALBAK
GTIN
4017918233839
Weight per piece (including packing)
20.76 g
Weight per piece (excluding packing)
18.393 g
Country of origin
GR
FFKDSA1/V1-5,08-18 - PCB terminal block
1751620
https://www.phoenixcontact.com/us/products/1751620
Mar 11, 2024, 5:52 AM
Page 1 (10)


Similar Part No. - 1751620

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1751626 PHOENIX-1751626 Datasheet
184Kb / 8P
Printed-circuit board connector - MSTBVA 2,5/ 8-G GY7035
More results

Similar Description - 1751620

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1700622 PHOENIX-1700622 Datasheet
92Kb / 4P
PCB terminal block - FFKDSA1/V1-5,08-11
1731718 PHOENIX-1731718 Datasheet
52Kb / 3P
PCB terminal block - FFKDSA1/V1-5,08-24
1751565 PHOENIX-1751565 Datasheet
52Kb / 3P
PCB terminal block - FFKDSA1/V1-5,08- 5
1751578 PHOENIX-1751578 Datasheet
52Kb / 3P
PCB terminal block - FFKDSA1/V1-5,08- 9
1751604 PHOENIX-1751604 Datasheet
52Kb / 3P
PCB terminal block - FFKDSA1/V1-5,08-14
1789113 PHOENIX-1789113 Datasheet
111Kb / 6P
PCB terminal block - FFKDSA1/V1-5,08- 4
1791790 PHOENIX-1791790 Datasheet
52Kb / 3P
PCB terminal block - FFKDSA1/V1-5,08- 8
1791981 PHOENIX-1791981 Datasheet
52Kb / 3P
PCB terminal block - FFKDSA1/V1-5,08- 7
1780662 PHOENIX-1780662 Datasheet
309Kb / 10P
PCB terminal block - FFKDSA1/V1-5,08- 6
Nov 30, 2022
1704376 PHOENIX-1704376 Datasheet
305Kb / 10P
PCB terminal block - FFKDSA1/V1-5,08- 3
Jan 5, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com