Electronic Components Datasheet Search
  English  ▼

X  

908E621 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 908E621
Description  Integrated Quad Half-Bridge and Triple High-Side with Embedded MCU and LIN for High End Mirror
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

908E621 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  908E621 Datasheet HTML 1Page - Freescale Semiconductor, Inc 908E621 Datasheet HTML 2Page - Freescale Semiconductor, Inc 908E621 Datasheet HTML 3Page - Freescale Semiconductor, Inc 908E621 Datasheet HTML 4Page - Freescale Semiconductor, Inc 908E621 Datasheet HTML 5Page - Freescale Semiconductor, Inc 908E621 Datasheet HTML 6Page - Freescale Semiconductor, Inc 908E621 Datasheet HTML 7Page - Freescale Semiconductor, Inc 908E621 Datasheet HTML 8Page - Freescale Semiconductor, Inc 908E621 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 62 page
background image
Freescale Semiconductor, Inc. reserves the right to change the detail specifications,
as may be required, to permit improvements in the design of its products.
Document Number: MM908E621
Rev 4.0, 6/2007
Freescale Semiconductor
Technical Data
© Freescale Semiconductor, Inc., 2007. All rights reserved.
Integrated Quad Half-Bridge
and Triple High-Side with
Embedded MCU and LIN for
High End Mirror
The 908E621 is an integrated single-package solution that
includes a high-performance HC08 microcontroller with a
SMARTMOSTM analog control IC. The HC08 includes flash memory,
a timer, enhanced serial communications interface (ESCI), an
analog-to-digital converter (ADC), serial peripheral interface (SPI)
(only internal), and an internal clock generator module. The analog
control die provides four half-bridge and three high-side outputs with
diagnostic functions, a Hall-Effect sensor input, analog inputs,
voltage regulator, window watchdog, and local interconnect network
(LIN) physical layer.
The single-package solution, together with LIN, provides optimal
application performance adjustments and space-saving PCB design.
It is well suited for the control of automotive high-end mirrors.
Features
•
High-Performance M68HC908EY16 Core
•
16 K Bytes of On-Chip Flash Memory, 512 Bytes of RAM
•
Internal Clock Generator Module (ICG)
•
Two 16-Bit, 2-Channel Timers
•
10-Bit Analog-to-Digital Converter (ADC)
•
LIN Physical Layer Interface
•
Autonomous MCU Watchdog / MCU Supervision
•
One Analog Input with Switchable Current Source
•
Four Low RDS(ON) Half-Bridge Outputs
•
Three Low RDS(ON) High-Side Outputs
•
Wake-Up Input
•
One 2/3-Pin Hall-Effect Sensor Input
• 12 Microcontroller I/Os
Figure 1. 908E621 Simplified Application Diagram
QUAD HALF-BRIDGE AND TRIPLE HIGH-
SIDE SWITCH WITH EMBEDDED MCU AND
LIN
908E621
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MM908E621ACDWB/R2
-40°C to 85°C
54 SOICW-EP
DWB SUFFIX
98ARL10519D
54-TERMINAL SOICW-EP
RST_A
RST
IRQ_A
IRQ
VSSA/VREFL
LIN
VDDA/VREFH
EVDD
VDD
EVSS
VSS
L0
HS1
VSUP[1:8]
A0
A0CST
High Side Output 3
High Side Output 2
High Side Output 1
HS2
HS3
H0
HVDD
GND[1:4]
Switched 5V output
Analog Input with current source
Analog Input current source trim
2-/3-pin hall sensor input
Wake Up Input
HB1
HB2
M
M
4 x Half Bridge Outputs
HB3
M
HB4
PTC2/MCLK
PTC3/OSC2
PTC4/OSC1
µC PortC
PTB3/AD3
PTB4/AD4
PTB5/AD5
µC PortB
PTA0/KBD0
PTA1/KBD1
PTA2/KBD2
PTA3/KBD3
PTA4/KBD4
µC PortA
PTE1/RxD
Internally connected
µC PortE
PTD0/TACH0
Internally connected
µC PortD
PTD1/TACH1
TESTMODE
Pull to ground for user mode
EP


Similar Part No. - 908E621

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
908E621 FREESCALE-908E621_08 Datasheet
1,019Kb / 65P
Integrated Quad Half-bridge and Triple High Side with Embedded MCU and LIN for High End Mirror
908E621 FREESCALE-908E621_12 Datasheet
1Mb / 60P
Integrated Quad Half bridge and Triple High Side Embedded MCU and LIN for High End Mirror
More results

Similar Description - 908E621

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MM908E624 MOTOROLA-MM908E624 Datasheet
453Kb / 32P
TRIPLE HIGH-SIDE SWITCH WITH EMBEDDED MCU AND LIN
logo
Freescale Semiconductor...
MM908E622 FREESCALE-MM908E622 Datasheet
732Kb / 63P
Integrated Quad Half-Bridge, Triple High-Side and EC Glass Driver with Embedded MCU and LIN for High End Mirror
MM908E621 FREESCALE-MM908E621 Datasheet
719Kb / 62P
Integrated Quad Half-Bridge and Triple High-Side with Embedded MCU and LIN for High End Mirror
908E425 FREESCALE-908E425 Datasheet
581Kb / 49P
Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
908E625 FREESCALE-908E625 Datasheet
628Kb / 48P
Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
MM908E621 FREESCALE-MM908E621_08 Datasheet
1,013Kb / 65P
Integrated Quad Half-bridge and Triple High Side with Embedded MCU and LIN for High End Mirror
MM908E622 FREESCALE-MM908E622_08 Datasheet
1Mb / 66P
Integrated Quad Half-bridge, Triple High Side and EC Glass Driver with Embedded MCU and LIN for High End Mirror
908E621 FREESCALE-908E621_08 Datasheet
1,019Kb / 65P
Integrated Quad Half-bridge and Triple High Side with Embedded MCU and LIN for High End Mirror
908E621 FREESCALE-908E621_12 Datasheet
1Mb / 60P
Integrated Quad Half bridge and Triple High Side Embedded MCU and LIN for High End Mirror
908E622 FREESCALE-908E622_12 Datasheet
1Mb / 63P
Integrated Quad Half-bridge, Triple High Side amd EC Glass Driver with Embedded MCU and LIN for High End Mirror
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com