Electronic Components Datasheet Search
  English  ▼

X  

MMA7450LR1 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # MMA7450LR1
Description  짹2g/짹4g/짹8g Three Axis Low-g Digital Output Accelerometer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA7450LR1 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MMA7450LR1 Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA7450LR1 Datasheet HTML 10Page - Freescale Semiconductor, Inc MMA7450LR1 Datasheet HTML 11Page - Freescale Semiconductor, Inc MMA7450LR1 Datasheet HTML 12Page - Freescale Semiconductor, Inc MMA7450LR1 Datasheet HTML 13Page - Freescale Semiconductor, Inc MMA7450LR1 Datasheet HTML 14Page - Freescale Semiconductor, Inc MMA7450LR1 Datasheet HTML 15Page - Freescale Semiconductor, Inc MMA7450LR1 Datasheet HTML 16Page - Freescale Semiconductor, Inc MMA7450LR1 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Sensors
Freescale Semiconductor
13
MMA7450L
Signed byte data (2’s compliment): Zero G = 8’h00
Signed byte data (2’s compliment): Zero G = 8’h00
DRDY
1: Data is ready
0: Data is not ready
DOVR
1: Data is over written
0: Data is not over written
PERR
1: Parity error is detected in trim data. Then, self test is
disabled
0: Parity error is not detected in trim data
LDX
1: Level detection detected on X axis
0: Level detection not detected on X axis
LDY
1: Level detection detected on Y axis
0: Level detection not detected on Y axis
LDZ
1: Level detection detected on Z axis
0: Level detection not detected on Z axis
PDX *Note
1: Pulse is detected on X axis at single pulse detection
0: Pulse is not detected on X axis at single pulse detection
PDY *Note
1: Pulse is detected on Y axis at single pulse detection
0: Pulse is not detected on Y axis at single pulse detection
PDZ *Note
1: Pulse is detected on Z axis at single pulse detection
0: Pulse is not detected on Z axis at single pulse detection
Note: This bit value is not valid at double pulse detection
INT1
1: Interrupt assigned by “Detection control” register is de-
tected
0: Interrupt assigned by “Detection control” register is not
detected
INT2
1: Interrupt assigned by “Detection control” register is de-
tected
0: Interrupt assigned by “Detection control” register is not
detected
I2CDIS
0: I2C and SPI are available.
1: I2C is disabled.
DVAD[6:0]: I2C device address
$07: 8bits output value Y (Read only)
D7
D6
D5
D4
D3
D2
D1
D0
Bit
YOUT[7]
YOUT [6]
YOUT [5]
YOUT [4]
YOUT [3]
YOUT [2]
YOUT [1]
YOUT [0]
Function
0
0
0
0
0
0
0
0
Default
$08: 8bits output value Z (Read only)
D7
D6
D5
D4
D3
D2
D1
D0
Bit
ZOUT[7]
ZOUT [6]
ZOUT [5]
ZOUT [4]
ZOUT [3]
ZOUT [2]
ZOUT [1]
ZOUT [0]
Function
0
0
0
0
0
0
0
0
Default
$09: Status register (Read only)
D7
D6
D5
D4
D3
D2
D1
D0
Bit
--
--
--
--
--
PERR
DOVR
DRDY
Function
0
0
0
0
0
0
0
0
Default
$0A: Detection source register (Read only)
D7
D6
D5
D4
D3
D2
D1
D0
Bit
LDX
LDY
LDZ
PDX
PDY
PDZ
INT2
INT1
Function
0
0
0
0
0
0
0
0
Default
$0D: I2C Device Address (Bit 6-0: Read only, Bit 7: Read/Write)
D7
D6
D5
D4
D3
D2
D1
D0
Bit
I2CDIS
DVAD[6]
DVAD[5]
DVAD[4]
DVAD[3]
DVAD[2]
DVAD[1]
DVAD[0]
Function
0
0
0
1
1
1
0
1
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com