Electronic Components Datasheet Search
  English  ▼

X  

MPC8313E Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MPC8313E
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8313E Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MPC8313E Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 88 page
background image
MPC8313E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 0
Freescale Semiconductor
11
Power Characteristics
recommended to apply core voltage before IO voltage and assert PORESET before the power supplies
fully ramp up.
3
Power Characteristics
The estimated typical power dissipation for this family of MPC8313E devices is shown in Table 4, and
Table 5 shows the estimated typical I/O power dissipation.
.
Table 4. MPC8313E Power Dissipation 1
1
Core Frequency (MHz)
CSB Frequency (MHz)
Typical 2, 3
Maximum 2,3
Unit
267
133
680
880
mW
333
167
820
1020
mW
Note:
1. The values do not include I/O supply power or AVdd.
2. Typical power is based on a voltage of Vdd = 1.05V, a junction temperature of Tj = 105°C, and an artificial
smoker test.
3. These are preliminary estimates
Table 5. MPC8313E Typical I/O Power Dissipation
Interface
Parameter
GVDD
(1.8 V)
GVDD
(2.5 V)
NVDD
(3.3 V)
LVDDA/LVDDB
(3.3V)
LVDDA/LVDDB
(2.5V)
LVDDB
(3.3V)
Unit Comments
DDR 1, 60% utilzation,
50% read/write
Rs = 22
Ω
Rt = 50
Ω
single pair of clock
Capacitive Load:
Data = 8pF, Control
Address = 8pF,
Clock = 8pF
333MHz, 32 bits
—
0.355
W
266MHz, 32 bits
—
0.323
W
200MHz, 32 bits
—
0.291
W
DDR 2, 60% utilization,
50% read/write
Rs = 22
Ω
Rt = 75
Ω
single pair of clock
Capacitive Load:
Data = 8pF, Control
Address = 8pF,
Clock = 8pF
333MHz, 32 bits
0.266
—
W
266MHz, 32 bits
0.246
—
W
200MHz, 32bits
0.225
—
W
PCI I/O load = 50pF
33 MHz
0.120
W
66 MHz
0.249
W
Local bus I/O
load = 20pF
66 MHz
0.056
W
50 MHz
0.040
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com