Electronic Components Datasheet Search
  English  ▼

X  

MPXV2053G Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPXV2053G
Description  50 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXV2053G Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPXV2053G Datasheet HTML 1Page - Freescale Semiconductor, Inc MPXV2053G Datasheet HTML 2Page - Freescale Semiconductor, Inc MPXV2053G Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXV2053G Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXV2053G Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXV2053G Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXV2053G Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXV2053G Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXV2053G Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
MPX2053
Rev 6, 06/2007
Freescale Semiconductor
Technical Data
© Freescale Semiconductor, Inc., 2005-2007. All rights reserved.
50 kPa On-Chip Temperature
Compensated & Calibrated
Silicon Pressure Sensors
The MPX2053/MPXV2053G device is a silicon piezoresistive pressure sensor
providing a highly accurate and linear voltage output - directly proportional to the
applied pressure. The sensor is a single, monolithic silicon diaphragm with the
strain gauge and a thin-film resistor network integrated on-chip. The chip is laser
trimmed for precise span and offset calibration and temperature compensation.
Features
•
Temperature Compensated Over 0°C to +85°C
•
Easy-to-Use Chip Carrier Package Options
•
Ratiometric to Supply Voltage
•
Differential and Gauge Options
Application Examples
•
Pump/Motor Controllers
•
Robotics
•
Level Indicators
•
Medical Diagnostics
•
Pressure Switching
•
Non-Invasive Blood Pressure Measurement
ORDERING INFORMATION
Device
Type
Options
Case
No.
MPX Series
Order No.
Packing
Options
Device
Marking
SMALL OUTLINE PACKAGE (MPXV2053G SERIES)
Ported
Elements
Gauge, Side
Port, SMT
1369
MPXV2053GP
Trays
MPXV2053G
Differential
Dual Port, SMT
1351
MPXV2053DP
Trays
MPXV2053G
UNIBODY PACKAGE (MPX2053 SERIES)
Basic
Element
Differential
344
MPX2053D
—
MPX2053D
Ported
Elements
Differential,
Dual Port
344C
MPX2053DP
—
MPX2053DP
Gauge
344B
MPX2053GP
—
MPX2053GP
Gauge, Axial
PC Mount
344F
MPX2053GSX
—
MPX2053D
Gauge,
Vacuum
344D
MPX2053GVP
—
MPX2053GVP
MPX2053
MPXV2053G
SERIES
SMALL OUTLINE PACKAGE
PIN NUMBERS
1
GND(1)
5
N/C
2
+VOUT
6
N/C
3
VS
7
N/C
4
–VOUT
8
N/C
1. Pin 1 in noted by the notch in the lead.
0 TO 50 kPA (0 TO 7.25 psi)
40 mV FULL SCALE SPAN
(TYPICAL)
SMALL OUTLINE PACKAGES
MPXV2053GP
CASE 1369-01
MPXV2053DP
CASE 1351-01
UNIBODY PACKAGE PIN NUMBERS
1
GND(1)
1. Pin 1 in noted by the notch in the lead.
3
VS
2
+VOUT
4
–VOUT
UNIBODY PACKAGES
MPX2053GVP
CASE 344D-01
MPX2053GSX
CASE 344F-01
MPX2053GP
CASE 344B-01
MPX2053DP
CASE 344C-01
MPX2053GP
CASE 344-15


Similar Part No. - MPXV2053G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPXV2053G MOTOROLA-MPXV2053G Datasheet
191Kb / 12P
50 KPA ON CHIP TEMPERATURE COMPENSATED CALIBRATED SILICON PRESSURE SENSORS
MPXV2053GP MOTOROLA-MPXV2053GP Datasheet
191Kb / 12P
50 KPA ON CHIP TEMPERATURE COMPENSATED CALIBRATED SILICON PRESSURE SENSORS
MPXV2053GP MOTOROLA-MPXV2053GP Datasheet
6Mb / 670P
Sensor
logo
Freescale Semiconductor...
MPXV2053GP FREESCALE-MPXV2053GP Datasheet
388Kb / 19P
50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
MPXV2053GP FREESCALE-MPXV2053GP Datasheet
310Kb / 17P
50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
More results

Similar Description - MPXV2053G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX2050GP MOTOROLA-MPX2050GP Datasheet
130Kb / 8P
50 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
logo
Freescale Semiconductor...
MPXM2053 FREESCALE-MPXM2053 Datasheet
129Kb / 8P
50 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
logo
Motorola, Inc
MPX2053 MOTOROLA-MPX2053 Datasheet
191Kb / 12P
50 KPA ON CHIP TEMPERATURE COMPENSATED CALIBRATED SILICON PRESSURE SENSORS
logo
Freescale Semiconductor...
MPXM2051G FREESCALE-MPXM2051G Datasheet
218Kb / 6P
50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
MPX2050 FREESCALE-MPX2050_08 Datasheet
127Kb / 9P
50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
MPX2053 FREESCALE-MPX2053_08 Datasheet
388Kb / 19P
50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
MPXM2051G FREESCALE-MPXM2051G_09 Datasheet
113Kb / 7P
50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
MPX2053 FREESCALE-MPX2053_12 Datasheet
310Kb / 17P
50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
MPXV2050 FREESCALE-MPXV2050 Datasheet
139Kb / 7P
50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
logo
NXP Semiconductors
MPX2050 NXP-MPX2050 Datasheet
167Kb / 9P
50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
Rev 9, 10/2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com