Electronic Components Datasheet Search
  English  ▼

X  

CS010BC Datasheet(PDF) 1 Page - ML Accessories Limited. All rights reserved.

Part # CS010BC
Description  TV Outlet (non-isolated) - Brushed Chrome
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNIGHTSBRIDGE [ML Accessories Limited. All rights reserved.]
Direct Link  https://www.mlaccessories.co.uk/
Logo KNIGHTSBRIDGE - ML Accessories Limited.  All rights reserved.

CS010BC Datasheet(HTML) 1 Page - ML Accessories Limited. All rights reserved.

  CS010BC Datasheet HTML 1Page - ML Accessories Limited.  All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ML Accessories Ltd. reserves the right to withdraw, improve, or modify any design without prior notification.
ML Accessories Ltd. cannot be held responsible for the incorrect application of any product.
DATASHEET
MLA PART CODE
CS010BC
DESCRIPTION
TV Outlet (non-isolated) - Brushed Chrome
NET WEIGHT (KG)
0.115
FINISH
Brushed Chrome
DIMENSIONS (MM)
Height - 89
Width - 89
Projection - 10.5
MINIMUM MOUNTING BOX DEPTH
25mm
CONSTRUCTION
Construction - Premium grade steel
IP RATING
IP20
EARTH TERMINAL
No
TERMINAL TYPE
Clamp & Screw Terminal
TV CONNECTION TYPE
Female
WARRANTY
25year(s)
MANUFACTURED IN ACCORDANCE WITH
BS 5733
ORIGIN OF MANUFACTURE
China
DECLARATION OF CONFORMITY (HELD ON FILE)
Yes
EAN
5055832996262
Date Created: 09/04/2024 01:45
www.mlaccessories.co.uk
CS010BC
TV Outlet (non-isolated) - Brushed Chrome


Similar Part No. - CS010BC

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
CS010221150 SCHURTER-CS010221150 Datasheet
71Kb / 1P
APPLIANCE COUPLERS
logo
ML Accessories Limited....
CS010AB KNIGHTSBRIDGE-CS010AB Datasheet
335Kb / 1P
TV Outlet (non-isolated) - Antique Brass
09/04/2024
More results

Similar Description - CS010BC

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
BTB41 SIRECTIFIER-BTB41 Datasheet
163Kb / 4P
Discrete Triacs(Non-Isolated/Isolated)
BTB15 SIRECTIFIER-BTB15 Datasheet
267Kb / 4P
Discrete Triacs(Non-Isolated/Isolated)
BTB10 SIRECTIFIER-BTB10 Datasheet
256Kb / 4P
Discrete Triacs(Non-Isolated/Isolated)
BTB08 SIRECTIFIER-BTB08 Datasheet
337Kb / 5P
Discrete Triacs(Non-Isolated/Isolated)
BTB06 SIRECTIFIER-BTB06 Datasheet
341Kb / 4P
Discrete Triacs(Non-Isolated/Isolated)
logo
Sirectifier Global Corp...
BTA06 SIRECT-BTA06 Datasheet
1Mb / 4P
Discrete Triacs(Non-Isolated/Isolated)
BTA10 SIRECT-BTA10 Datasheet
1Mb / 4P
Discrete Triacs(Non-Isolated/Isolated)
BTA15 SIRECT-BTA15 Datasheet
1Mb / 4P
Discrete Triacs(Non-Isolated/Isolated)
BTA26 SIRECT-BTA26 Datasheet
990Kb / 4P
Discrete Triacs(Non-Isolated/Isolated)
BTA35 SIRECT-BTA35 Datasheet
1Mb / 2P
Discrete Triacs(Non-Isolated/Isolated)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com