Electronic Components Datasheet Search
  English  ▼

X  

CS014BC Datasheet(PDF) 1 Page - ML Accessories Limited. All rights reserved.

Part # CS014BC
Description  TV & SAT TV Outlet (isolated) - Brushed Chrome
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNIGHTSBRIDGE [ML Accessories Limited. All rights reserved.]
Direct Link  https://www.mlaccessories.co.uk/
Logo KNIGHTSBRIDGE - ML Accessories Limited.  All rights reserved.

CS014BC Datasheet(HTML) 1 Page - ML Accessories Limited. All rights reserved.

  CS014BC Datasheet HTML 1Page - ML Accessories Limited.  All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ML Accessories Ltd. reserves the right to withdraw, improve, or modify any design without prior notification.
ML Accessories Ltd. cannot be held responsible for the incorrect application of any product.
DATASHEET
MLA PART CODE
CS014BC
DESCRIPTION
TV & SAT TV Outlet (isolated) - Brushed Chrome
NET WEIGHT (KG)
0.122
FINISH
Brushed Chrome
DIMENSIONS (MM)
Height - 89
Width - 89
Projection - 10.5
MINIMUM MOUNTING BOX DEPTH
25mm
CONSTRUCTION
Construction - Premium grade steel
IP RATING
IP20
EARTH TERMINAL
No
TERMINAL TYPE
Clamp & Screw Terminal
TV CONNECTION TYPE
Female
SAT CONNECTION TYPE
F-Type
WARRANTY
25year(s)
MANUFACTURED IN ACCORDANCE WITH
BS 5733
ORIGIN OF MANUFACTURE
China
DECLARATION OF CONFORMITY (HELD ON FILE)
Yes
EAN
5055832996279
Date Created: 09/04/2024 02:00
www.mlaccessories.co.uk
CS014BC
TV & SAT TV Outlet (isolated) - Brushed Chrome


Similar Part No. - CS014BC

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
CS014AB KNIGHTSBRIDGE-CS014AB Datasheet
329Kb / 1P
TV & SAT TV Outlet (isolated) - Antique Brass
09/04/2024
More results

Similar Description - CS014BC

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U813BS TEMIC-U813BS Datasheet
93Kb / 7P
1.1-GHz Prescaler for PLLs in TV, CATV and SAT TV Tuners
U893BSE TEMIC-U893BSE Datasheet
129Kb / 7P
1.3 GHz Prescaler for PLL?셲 in TV, CATV and SAT TV Tuners
logo
Siemens Semiconductor G...
BF772 SIEMENS-BF772 Datasheet
22Kb / 3P
NPN Silicon RF Transistor (For application in TV-sat tuners)
SDA6102X SIEMENS-SDA6102X Datasheet
596Kb / 16P
TV SAT PLL WITH I2C BUS AND FOUR CHIP ADDRESSES
logo
TEMIC Semiconductors
U833BS TEMIC-U833BS Datasheet
92Kb / 7P
1.3-GHz Prescaler for PLLs in TV, CATV and SAT TV Tuners
logo
Siemens Semiconductor G...
TDA6142-5X SIEMENS-TDA6142-5X Datasheet
273Kb / 10P
FM-Demodulator for SAT TV with Switchable Input
logo
TEMIC Semiconductors
U6239B TEMIC-U6239B Datasheet
262Kb / 15P
2.9 GHz PLL for SAT TV Tuner with UNi-Bus
U6225B TEMIC-U6225B Datasheet
154Kb / 12P
2.9 GHz PLL for SAT TV Receiver with Universal Bus
logo
Toshiba Semiconductor
1SV214 TOSHIBA-1SV214_07 Datasheet
236Kb / 3P
TV Tuning
logo
PHOENIX CONTACT
2856993 PHOENIX-2856993 Datasheet
291Kb / 5P
Surge protection device - C-TV-SAT
12/24/2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com