Electronic Components Datasheet Search
  English  ▼

X  

PC9S12XEP100J1MVLR Datasheet(PDF) 73 Page - Freescale Semiconductor, Inc

Part # PC9S12XEP100J1MVLR
Description  Microcontrollers
PDF  1036 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC9S12XEP100J1MVLR Datasheet(HTML) 73 Page - Freescale Semiconductor, Inc

Back Button PC9S12XEP100J1MVLR Datasheet HTML 69Page - Freescale Semiconductor, Inc PC9S12XEP100J1MVLR Datasheet HTML 70Page - Freescale Semiconductor, Inc PC9S12XEP100J1MVLR Datasheet HTML 71Page - Freescale Semiconductor, Inc PC9S12XEP100J1MVLR Datasheet HTML 72Page - Freescale Semiconductor, Inc PC9S12XEP100J1MVLR Datasheet HTML 73Page - Freescale Semiconductor, Inc PC9S12XEP100J1MVLR Datasheet HTML 74Page - Freescale Semiconductor, Inc PC9S12XEP100J1MVLR Datasheet HTML 75Page - Freescale Semiconductor, Inc PC9S12XEP100J1MVLR Datasheet HTML 76Page - Freescale Semiconductor, Inc PC9S12XEP100J1MVLR Datasheet HTML 77Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 1036 page
background image
Chapter 1 Device Overview MC9S12XE-Family
MC9S12XE-Family Reference Manual Rev. 1.07
Freescale Semiconductor
73
1.6.3
Effects of Reset
When a reset occurs, MCU registers and control bits are initialized. Refer to the respective block
descriptions for register reset states.
On each reset, the Flash module executes a reset sequence to load Flash configuration registers and
initialize the buffer RAM EEE partition, if required.
1.6.3.1
Flash Configuration Reset Sequence Phase
On each reset, the Flash module will hold CPU activity while loading Flash module registers from the
Flash memory. If double faults are detected in the reset phase, Flash module protection and security may
be active on leaving reset. This is explained in more detail in the Flash module section.
1.6.3.2
EEE Reset Sequence Phase
During the reset phase the EEE buffer array is loaded with valid data from the D-Flash EEE partition. In
this reset phase CPU activity is held so device accesses to the EEE before the Flash memory controller
reset is completed are stalled.
If configured for EEE operation (ERPART > 0), all valid EEE records from the D-Flash EEE partition will
be copied to the buffer RAM EEE partition.
1.6.3.3
Reset While Flash Command Active
If a reset occurs while any Flash command is in progress, that command will be immediately aborted. The
state of the word being programmed or the sector/block being erased is not guaranteed.
1.6.3.4
I/O Pins
Refer to the PIM block description for reset configurations of all peripheral module ports.
Vector base + $3E
$1F
ATD0 Compare Interrupt
I bit
ATD0CTL2 (ACMPIE)
Vector base + $3C
$1E
ATD1 Compare Interrupt
I bit
ATD1CTL2 (ACMPIE)
Vector base+ $18
to
Vector base + $3A
Reserved
Vector base + $16
—
XGATE software error interrupt
None
None
Vector base + $14
—
MPU Access Error
None
None
Vector base + $12
—
System Call Interrupt (SYS)
—
None
Vector base + $10
—
Spurious interrupt
—
None
1 16 bits vector address based
2 For detailed description of XGATE channel ID refer to XGATE Block Guide
Table 1-13. Interrupt Vector Locations (Sheet 4 of 4)
Vector Address1
XGATE
Channel ID2
Interrupt Source
CCR
Mask
Local Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com