Electronic Components Datasheet Search
  English  ▼

X  

BC2003DW Datasheet(PDF) 1 Page - Goodwork Semiconductor Co., Ltd .

Part # BC2003DW
Description  N/P Channel Enhancement MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

BC2003DW Datasheet(HTML) 1 Page - Goodwork Semiconductor Co., Ltd .

  BC2003DW Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . BC2003DW Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd . BC2003DW Datasheet HTML 3Page - Goodwork Semiconductor Co., Ltd . BC2003DW Datasheet HTML 4Page - Goodwork Semiconductor Co., Ltd . BC2003DW Datasheet HTML 5Page - Goodwork Semiconductor Co., Ltd . BC2003DW Datasheet HTML 6Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Absolute Maximum Ratings (TAmbient=25ºC unless noted otherwise)
Symbol
Description
Limit
Unit
VDS
Drain-Source Voltage
20
-20
Volt
VGS
Gate-Source Voltage
±12
Volt
ID
Drain Current-Continuous
3
-3
Amp
IDM
Drain Current-Pulsed
(Note 1)
12
-12
Amp
PD
Maximum Power Dissipation
1.4
Watt
TJ
Operating Temperature Range
-55 to +150
℃
TSTG
Storage Temperature Range
-55 to +150
℃
Thermal Characteristic
Symbol
Description
Limit
Unit
RθJA
Thermal Resistance, Junction to Ambient
90
℃/W
Features
N Channel
 V
DS=20V, ID=3A
 R
DS(ON)=26mΩ@VGS=4.5V
 R
DS(ON) =32mΩ@VGS=2.5V
P Channel
 V
DS=-20V, ID=-3A
 R
DS(ON)=67mΩ@VGS=-4.5V
 R
DS(ON)=90mΩ@VGS=-2.5V
S1
G1
G2
S2
N-Ch
P-ch
Schematic diagram
Main Applications
 Battery Protection
 Load Switch
 Power Management
SOT-23-6L Top View
B
N/P Channel Enhancement MOSFET
C2003DW


Similar Part No. - BC2003DW

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
BC200 MICRO-ELECTRONICS-BC200 Datasheet
120Kb / 2P
MINIATURE PNP AF LOW NOISE SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Bolymin, Inc
BC2002A BOLYMIN-BC2002A Datasheet
497Kb / 1P
COB with metal frame
BC2002A20 BOLYMIN-BC2002A20 Datasheet
83Kb / 1P
COB with metal frame 5x7 dots with cursor
BC2002A20C BOLYMIN-BC2002A20C Datasheet
112Kb / 1P
COB with metal frame 5x7 dots with cursor
BC2002A20C BOLYMIN-BC2002A20C_17 Datasheet
405Kb / 1P
COB with metal Frame
More results

Similar Description - BC2003DW

ManufacturerPart #DatasheetDescription
logo
Wuxi U-NIKC Semiconduct...
P2402OV UNIKC-P2402OV Datasheet
765Kb / 8P
N&P-Channel Enhancement Mode MOSFET
P3304QV UNIKC-P3304QV Datasheet
794Kb / 8P
N&P-Channel Enhancement Mode MOSFET
P4404QV UNIKC-P4404QV Datasheet
850Kb / 8P
N&P-Channel Enhancement Mode MOSFET
P6002OAG UNIKC-P6002OAG Datasheet
2Mb / 11P
N&P-Channel Enhancement Mode MOSFET
PE601CA UNIKC-PE601CA Datasheet
1Mb / 12P
N&P-Channel Enhancement Mode MOSFET
PK601CA UNIKC-PK601CA Datasheet
1Mb / 11P
N & P-Channel Enhancement Mode MOSFET
PV601CA UNIKC-PV601CA Datasheet
1Mb / 11P
N&P-Channel Enhancement Mode MOSFET
logo
TECH PUBLIC Electronics...
FDC6321C-TP TECHPUBLIC-FDC6321C-TP Datasheet
1Mb / 3P
N-Channel P-Channel Enhancement Mode MOSFET
TPM6321S6 TECHPUBLIC-TPM6321S6 Datasheet
1Mb / 3P
N-Channel P-Channel Enhancement Mode MOSFET
BSS8402DW TECHPUBLIC-BSS8402DW Datasheet
2Mb / 6P
NP-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com