Electronic Components Datasheet Search
  English  ▼

X  

BC7252DW Datasheet(PDF) 2 Page - Goodwork Semiconductor Co., Ltd .

Part # BC7252DW
Description  Plastic-Encapsulate MOSFETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

BC7252DW Datasheet(HTML) 2 Page - Goodwork Semiconductor Co., Ltd .

  BC7252DW Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . BC7252DW Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd . BC7252DW Datasheet HTML 3Page - Goodwork Semiconductor Co., Ltd . BC7252DW Datasheet HTML 4Page - Goodwork Semiconductor Co., Ltd . BC7252DW Datasheet HTML 5Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
N- Channel MOSFET
Drain-source breakdown voltage
V (BR)DSS
VGS =0V, ID=250µA
60
V
Zero gate voltage drain current
IDSS
VDS =48V,VGS = 0V
1
µA
VGS =±20V, VDS = 0V
±10
µA
VGS =±10V, VDS = 0V
±200
nA
Gate-body leakage current
IGSS
VGS =±5V, VDS = 0V
±100
nA
Gate threshold voltage (note 3)
VGS(th)
VDS =VGS, ID =1mA
1
1.3
2.5
V
VGS =4.5V, ID =0.2A
1.1
5.3
Ω
Drain-source on-resistance (note 3)
RDS(on)
VGS =10V, ID =0.5A
0.9
5
Ω
Diode forward voltage
VSD
IS=0.3A, VGS = 0V
1.5
V
DYNAMIC PARAMETERS (note 4)
Input Capacitance
Ciss
40
pF
Output Capacitance
Coss
30
pF
Reverse Transfer Capacitance
Crss
VDS =10V,VGS =0V,f =1MHz
10
pF
SWITCHING PARAMETERS (note 4)
Turn-on delay time
td(on)
10
ns
Turn-off delay time
td(off)
VGS=10V,VDD=50V,
RL=250
Ω,RGEN=50Ω,
15
ns
Reverse recovery time
trr
30
ns
Recovered charge
Qr
IS=300mA;
dIS/dt=-100A/s;VGS=0V;
VR=25V
30
nC
P- Channel MOSFET
Drain-source breakdown voltage
V (BR)DSS
VGS = 0V, ID =-250µA
-50
V
VDS =-50V,VGS = 0V
-15
µA
Zero gate voltage drain current
IDSS
VDS =-25V,VGS = 0V
-0.1
µA
Gate-body leakage current
IGSS
VGS =±20V, VDS = 0V
±10
µA
Gate threshold voltage (note 3)
VGS(th)
VDS =VGS, ID =-250µA
-0.9
-1.62
-2
V
MOSFET ELECTRICAL CHARACTERISTICS a
T =25
℃ unless otherwise specified
VGS =-5V, ID =-0.1A
5.5
10
Ω
Drain-source on-resistance (note 3)
RDS(on)
VGS =-10V, ID =-0.1A
4.1
8
Ω
Forward transconductance (note 3)
gFS
VDS =-25V, ID =-0.1A
0.05
S
DYNAMIC CHARACTERISTICS (note 4)
Input capacitance
Ciss
30
pF
Output capacitance
Coss
10
pF
Reverse transfer capacitance
Crss
VDS =-5V,VGS =0V,f =1MHz
5
pF
SWITCHING CHARACTERISTICS (note 4)
Turn-on delay time
td(on)
2.5
ns
Turn-on rise time
tr
1
ns
Turn-off delay time
td(off)
16
ns
Turn-off fall time
tf
VDD=-15V,
RL=50
Ω, ID =-2.5A
8
ns
SOURCE−DRAIN DIODE CHARACTERISTICS(note 4)
Continuous Current
IS
-0.18
A
Pulsed Current
ISM
-0.7
A
Diode forward voltage (note 3)
VDS
IS=-0.13A, VGS = 0V
-2.2
V
Note: 1、 Surface mounted on FR-4 board using minimum pad size, 1oz copper
2、 Repetitive Rating: Pulse width limited by maximum junction temperature.
3、 Pulse test: pulse width ≤ 300μ s, duty cycle ≤2%
4、 These parameters have no way to verify.
B
N-Channel + P-Channel Power MOSFET
C7252DW



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com