Electronic Components Datasheet Search
  English  ▼

X  

PDTC143XE Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PDTC143XE
Description  NPN resistor-equipped transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDTC143XE Datasheet(HTML) 3 Page - NXP Semiconductors

  PDTC143XE Datasheet HTML 1Page - NXP Semiconductors PDTC143XE Datasheet HTML 2Page - NXP Semiconductors PDTC143XE Datasheet HTML 3Page - NXP Semiconductors PDTC143XE Datasheet HTML 4Page - NXP Semiconductors PDTC143XE Datasheet HTML 5Page - NXP Semiconductors PDTC143XE Datasheet HTML 6Page - NXP Semiconductors PDTC143XE Datasheet HTML 7Page - NXP Semiconductors PDTC143XE Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1999 May 21
3
Philips Semiconductors
Product specification
NPN resistor-equipped transistor
PDTC143XE
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Transistor mounted on an FR4 printed-circuit board.
THERMAL CHARACTERISTICS
Note
1. Transistor mounted on an FR4 printed-circuit board.
CHARACTERISTICS
Tamb =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−
50
V
VCEO
collector-emitter voltage
open base
−
50
V
VEBO
emitter-base voltage
open collector
−
10
V
VI
input voltage
positive
−
+20
V
negative
−−7V
IO
output current (DC)
−
100
mA
ICM
peak collector current
−
100
mA
Ptot
total power dissipation
Tamb ≤ 25 °C; note 1
−
150
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
150
°C
Tamb
operating ambient temperature
−65
+150
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
833
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICBO
collector cut-off current
IE = 0; VCB =50V
−−
100
nA
ICEO
collector cut-off current
IB = 0; VCE =30V
−−
1
µA
IB = 0; VCE =30V; Tj = 150 °C
−−
50
µA
IEBO
emitter cut-off current
IC = 0; VEB =5V
−−
0.6
mA
hFE
DC current gain
IC = 10 mA; VCE =5V
50
−−
VCEsat
collector-emitter saturation voltage IC = 10 mA; IB = 0.5 mA
−−
100
mV
Vi(off)
input-off voltage
IC = 100 µA; VCE =5V
−−
300
mV
Vi(on)
input-on voltage
IC = 20 mA; VCE = 0.3 V
2.5
−−
V
R1
input resistor
3.3
4.7
6.1
k
Ω
resistor ratio
1.7
2.1
2.6
Cc
collector capacitance
IE =ie = 0; VCB = 10 V; f = 1 MHz −−
2.5
pF
R2
R1
--------



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com