Electronic Components Datasheet Search
  English  ▼

X  

1243323 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1243323
Description  ST-6EP1N8ACK02SX - Panel feed-through
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1243323 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1243323 Datasheet HTML 1Page - PHOENIX CONTACT 1243323 Datasheet HTML 2Page - PHOENIX CONTACT 1243323 Datasheet HTML 3Page - PHOENIX CONTACT 1243323 Datasheet HTML 4Page - PHOENIX CONTACT 1243323 Datasheet HTML 5Page - PHOENIX CONTACT 1243323 Datasheet HTML 6Page - PHOENIX CONTACT 1243323 Datasheet HTML 7Page - PHOENIX CONTACT 1243323 Datasheet HTML 8Page - PHOENIX CONTACT 1243323 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Panel feed-through, straight, SPEEDCON, M17, number of positions: 6+PE, contact connection
type: Pin, Flat gasket, 4x Ø 3.2, shielded: yes, flange dimensions: 25.75 mm x 25.75 mm, degree
of protection: IP67, cable diameter range: 3.5 mm ... 5.5 mm, number of positions: 7, connection
method: Crimp connection, series: ST, Item is lead-free in accordance with RoHS II without
Exemption 6c (Pb <0.1%)
Your advantages
Reduced size: ideal for compact devices
•
Consistent EMC protection for reliable connection solutions in the industrial environment
•
Crimping connection: vibration- and temperature-resistant assembly
•
Flexible use: reliably connect various cable diameters
•
User-specific, suitable for front and rear mounting
•
Commercial data
Item number
1243323
Packing unit
1 pc
Minimum order quantity
1 pc
Product key
ABRSEF
GTIN
4063151400606
Weight per piece (including packing)
44.44 g
Weight per piece (excluding packing)
44.44 g
Country of origin
DE
ST-6EP1N8ACK02SX - Panel feed-through
1243323
https://www.phoenixcontact.com/us/products/1243323
Jan 15, 2024, 7:48 AM
Page 1 (12)


Similar Part No. - 1243323

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1243320 PHOENIX-1243320 Datasheet
556Kb / 12P
ST-5ES1N8ACK02SX - Panel feed-through
1243321 PHOENIX-1243321 Datasheet
610Kb / 13P
ST-5ES1N8ACK03SX - Panel feed-through
1243322 PHOENIX-1243322 Datasheet
558Kb / 12P
ST-5ES1N8ACK04SX - Panel feed-through
1243324 PHOENIX-1243324 Datasheet
607Kb / 13P
ST-6EP1N8ACK03SX - Panel feed-through
1243325 PHOENIX-1243325 Datasheet
554Kb / 12P
ST-6EP1N8ACK04SX - Panel feed-through
More results

Similar Description - 1243323

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1618763 PHOENIX-1618763 Datasheet
184Kb / 10P
Panel feed-through - ST-3ES1N8ACK03S
09/11/2020
1618776 PHOENIX-1618776 Datasheet
578Kb / 12P
ST-6EP1N8ACK02S - Panel feed-through
1618823 PHOENIX-1618823 Datasheet
627Kb / 14P
ST-8ES1N8ACK04S - Panel feed-through
1618402 PHOENIX-1618402 Datasheet
581Kb / 12P
ST-3EP1N8ACK02S - Panel feed-through
1618774 PHOENIX-1618774 Datasheet
583Kb / 12P
ST-5ES1N8ACK04S - Panel feed-through
1618785 PHOENIX-1618785 Datasheet
583Kb / 12P
ST-7ES1N8ACK04S - Panel feed-through
1618836 PHOENIX-1618836 Datasheet
617Kb / 13P
ST-17S1N8ACK04S - Panel feed-through
1618834 PHOENIX-1618834 Datasheet
608Kb / 12P
ST-17S1N8ACK02S - Panel feed-through
1618407 PHOENIX-1618407 Datasheet
625Kb / 13P
ST-3EP1N8ACK03S - Panel feed-through
1618767 PHOENIX-1618767 Datasheet
571Kb / 12P
ST-5EP1N8ACK02S - Panel feed-through
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com