Electronic Components Datasheet Search
  English  ▼

X  

B32682 Datasheet(PDF) 9 Page - EPCOS

Part # B32682
Description  Metallized Polypropylene Film Capacitors (MFP) in Plastic Case
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32682 Datasheet(HTML) 9 Page - EPCOS

Back Button B32682 Datasheet HTML 5Page - EPCOS B32682 Datasheet HTML 6Page - EPCOS B32682 Datasheet HTML 7Page - EPCOS B32682 Datasheet HTML 8Page - EPCOS B32682 Datasheet HTML 9Page - EPCOS B32682 Datasheet HTML 10Page - EPCOS B32682 Datasheet HTML 11Page - EPCOS B32682 Datasheet HTML 12Page - EPCOS B32682 Datasheet HTML 13Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
186 12/00
MFP
Pulse handling capability
Maximum permissible voltage change per unit of time for non-sinusoidal voltages
(pulse, sawtooth)
For Vpp < VR , the permissible voltage rise rate value Vpp/τ may be multiplied by the factor VR/Vpp.
Also refer to the calculation example in chapter “General technical information”, page 302.
Impedance Z
versus
frequency f
(typical values)
VR
Max. rate of voltage rise Vpp/τ in V/µs (for Vpp = VR)
Lead spacing
15 mm
22,5 mm
27,5 mm
37,5 mm
630 Vdc
5 000
3 000
2 000
—
1000 Vdc
9 000
5 000
3 800
2 000
1250 Vdc
12 000
7 000
4 500
2 800
1600 Vdc
16 000
11 000
6 000
3 500
2000 Vdc
17 000
15 000
8 000
4 500
VR
Pulse characteristic k0 in V2/µs (for Vpp ≤ VR)
Lead spacing
15 mm
22,5 mm
27,5 mm
37,5 mm
630 Vdc
6 300 000
3 800 000
2 500 000
—
1000 Vdc
18 000 000
10 000 000
7 500 000
4 000 000
1250 Vdc
30 000 000
17 500 000
11 000 000
7 000 000
1600 Vdc
51 000 000
35 000 000
19 000 000
11 000 000
2000 Vdc
68 000 000
60 000 000
32 000 000
18 000 000
B 32 686
B 32 682 …



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com