Electronic Components Datasheet Search
  English  ▼

X  

FP4100PL Datasheet(PDF) 1 Page - ML Accessories Limited. All rights reserved.

Part # FP4100PL
Description  10AX 4G 2-way Switch - Pearl
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNIGHTSBRIDGE [ML Accessories Limited. All rights reserved.]
Direct Link  https://www.mlaccessories.co.uk/
Logo KNIGHTSBRIDGE - ML Accessories Limited.  All rights reserved.

FP4100PL Datasheet(HTML) 1 Page - ML Accessories Limited. All rights reserved.

  FP4100PL Datasheet HTML 1Page - ML Accessories Limited.  All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ML Accessories Ltd. reserves the right to withdraw, improve, or modify any design without prior notification.
ML Accessories Ltd. cannot be held responsible for the incorrect application of any product.
DATASHEET
MLA PART CODE
FP4100PL
DESCRIPTION
10AX 4G 2-way Switch - Pearl
NET WEIGHT (KG)
0.166
FINISH
Pearl
DIMENSIONS (MM)
Height - 87.5
Width - 147.5
Projection - 2.5
MINIMUM MOUNTING BOX DEPTH
16mm
CONSTRUCTION
Construction - Premium grade steel
CLASS
I
IP RATING
IP20
INPUT VOLTAGE
230V 50Hz
SWITCH FUNCTION
2-Way
EARTH TERMINAL
Yes
LOAD/MAX. LOAD
10AX
TERMINAL CAPACITY
2 x 1.0mm² or 2 x 1.5mm²
WARRANTY
25year(s)
MANUFACTURED IN ACCORDANCE WITH
BS EN 60669-1
ORIGIN OF MANUFACTURE
China
DECLARATION OF CONFORMITY (HELD ON FILE)
Yes
EAN
5055832917694
Date Created: 12/04/2024 02:28
www.mlaccessories.co.uk
FP4100PL
10AX 4G 2-way Switch - Pearl


Similar Part No. - FP4100PL

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
FP4100PB KNIGHTSBRIDGE-FP4100PB Datasheet
174Kb / 1P
10AX 4G 2-way Switch - Polished Brass
16/04/2024
More results

Similar Description - FP4100PL

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
AT04-2P AMPHENOL-AT04-2P Datasheet
524Kb / 1P
Recpt, 2 Way
logo
Innovative Power Produc...
IPP-1025 IPP-IPP-1025 Datasheet
64Kb / 1P
OUTLINE 2 WAY
IPP-1141 IPP-IPP-1141 Datasheet
63Kb / 1P
OUTLINE 2 WAY
IPP-1188 IPP-IPP-1188 Datasheet
63Kb / 1P
OUTLINE 2-WAY
IPP-1217 IPP-IPP-1217 Datasheet
61Kb / 1P
OUTLINE 2-WAY
IPP-1228 IPP-IPP-1228 Datasheet
63Kb / 1P
OUTLINE 2-WAY
IPP-1241 IPP-IPP-1241 Datasheet
64Kb / 1P
OUTLINE 2-WAY
IPP-5006 IPP-IPP-5006 Datasheet
52Kb / 1P
OUTLINE 2-WAY
logo
Pulse A Technitrol Comp...
CX4002LNL PULSE-CX4002LNL Datasheet
300Kb / 2P
SPLITTER, 2-WAY
logo
PHOENIX CONTACT
2700271 PHOENIX-2700271 Datasheet
666Kb / 22P
Industrial Ethernet Switch - FL SWITCH GHS 4G/12
Dec 2, 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com