Electronic Components Datasheet Search
  English  ▼

X  

B59901 Datasheet(PDF) 2 Page - EPCOS

Part # B59901
Description  Sensors Limit Temperature Sensors, Probe Assemblies
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B59901 Datasheet(HTML) 2 Page - EPCOS

  B59901 Datasheet HTML 1Page - EPCOS B59901 Datasheet HTML 2Page - EPCOS B59901 Datasheet HTML 3Page - EPCOS B59901 Datasheet HTML 4Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
188 10/02
Electrical specifications and ordering codes
TNTT
± ∆T
°C
R 1)
(TNTT – ∆T)
Ω
R 1)
(TNTT + ∆T)
Ω
R 2)
(TNTT + 15 K)
Ω
R 1)
(TNTT + 23 K)
Ω
Stamp
code
Ordering code
60
± 5
≤ 570
≥ 570
—
≥ 10 k
331
B59901D0060A040
70
± 5
≤ 570
≥ 570
—
≥ 10 k
341
B59901D0070A040
80
± 5
≤ 570
≥ 570
—
≥ 10 k
351
B59901D0080A040
90
± 5
≤ 550
≥ 1330
≥ 4 k
—
361
B59901D0090A040
100
± 5
≤ 550
≥ 1330
≥ 4 k
—
371
B59901D0100A040
110
± 5
≤ 550
≥ 1330
≥ 4 k
—
381
B59901D0110A040
120
± 5
≤ 550
≥ 1330
≥ 4 k
—
391
B59901D0120A040
130
± 5
≤ 550
≥ 1330
≥ 4 k
—
401
B59901D0130A040
140
± 5
≤ 550
≥ 1330
≥ 4 k
—
411
B59901D0140A040
1) VPTC ≤ 2,5 V
2) VPTC ≤ 7,5 V
B59901
D 901
Limit Temperature Sensors, Probe Assemblies
Sensors



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com