Electronic Components Datasheet Search
  English  ▼

X  

B43511 Datasheet(PDF) 1 Page - EPCOS

Part # B43511
Description  Capacitors with 4 Snap-In Terminals and Solder Pins
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43511 Datasheet(HTML) 1 Page - EPCOS

  B43511 Datasheet HTML 1Page - EPCOS B43511 Datasheet HTML 2Page - EPCOS B43511 Datasheet HTML 3Page - EPCOS B43511 Datasheet HTML 4Page - EPCOS B43511 Datasheet HTML 5Page - EPCOS B43511 Datasheet HTML 6Page - EPCOS B43511 Datasheet HTML 7Page - EPCOS B43511 Datasheet HTML 8Page - EPCOS B43511 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
188 10/02
Long-life grade capacitors
Applications
I Frequency converters
I Switch-mode power supplies in industrial
and consumer electronics
I Uninterruptible power supplies
Features
I Long useful life
I Outstanding ripple current capability
I High volumetric efficiency
I Many different case sizes
I Pinning ensures correct insertion
Construction
I Charge-discharge proof, polar
I Aluminum case, fully insulated
I Overload protection by preset break point in case
Terminals
I 4 snap-in terminals (6,3 mm and 4,5 mm length)
I Solder pin mounting on printed circuit boards,
pins fit standardized spacings on PCB
KAL0409-D
B43511
B43521
B43511
Capacitors with 4 Snap-In Terminals and Solder Pins
B43521
Max. Ripple Current – 85 °C
B43511, B43521


Similar Part No. - B43511

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43511 EPCOS-B43511 Datasheet
59Kb / 2P
Capacitors with 4 Snap-In Terminals and Solder Pins
B43511 EPCOS-B43511 Datasheet
831Kb / 19P
Aluminum electrolytic capacitors
B43511A0188M000 EPCOS-B43511A0188M000 Datasheet
831Kb / 19P
Aluminum electrolytic capacitors
B43511A4108M000 EPCOS-B43511A4108M000 Datasheet
831Kb / 19P
Aluminum electrolytic capacitors
B43511A4108M000 EPCOS-B43511A4108M000 Datasheet
839Kb / 19P
Aluminum electrolytic capacitors
More results

Similar Description - B43511

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43510 EPCOS-B43510 Datasheet
59Kb / 2P
Capacitors with 4 Snap-In Terminals and Solder Pins
B43520A3687M000 EPCOS-B43520A3687M000 Datasheet
261Kb / 11P
Capacitors with 4 Snap-In Terminals and Solder Pins
B43514 EPCOS-B43514 Datasheet
255Kb / 10P
Capacitors with 4 Snap-In Terminals and Solder Pins
B43415 EPCOS-B43415 Datasheet
1Mb / 15P
Capacitors for pulse applications with snap-in and solder lug terminals
logo
PowerDynamics, Inc
42R03-3X5X-XXX POWERDYNAMICS-42R03-3X5X-XXX Datasheet
41Kb / 1P
IEC 60320 C14 APPL. INLET; SOLDER TERMINALS; SNAP-IN
42R34-3X2X-XXX POWERDYNAMICS-42R34-3X2X-XXX Datasheet
42Kb / 1P
IEC 60320 APPL. INLET AND COMBINATION FUSE HOLDER; SOLDER TERMINALS; SNAP-IN
42R38-3X2X-XXX POWERDYNAMICS-42R38-3X2X-XXX Datasheet
42Kb / 1P
IEC 60320 APPL. INLET AND COMBINATION FUSE HOLDER; SOLDER TERMINALS; SNAP-IN
logo
TDK Electronics
B43512 TDK-B43512_15 Datasheet
892Kb / 25P
Capacitors with 4-/5-pin snap-in terminals and solder pins
B43516 TDK-B43516_15 Datasheet
802Kb / 20P
Capacitors with 4-pin snap-in terminals and solder pins
logo
CUI INC
HSS-B20-04 CUI-HSS-B20-04 Datasheet
293Kb / 3P
available with and without solder pins
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com