Electronic Components Datasheet Search
  English  ▼

X  

BC4153KT Datasheet(PDF) 2 Page - Goodwork Semiconductor Co., Ltd .

Part # BC4153KT
Description  Plastic-Encapsulate MOSFETS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

BC4153KT Datasheet(HTML) 2 Page - Goodwork Semiconductor Co., Ltd .

  BC4153KT Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . BC4153KT Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd . BC4153KT Datasheet HTML 3Page - Goodwork Semiconductor Co., Ltd . BC4153KT Datasheet HTML 4Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain-source breakdown voltage
V(BR)DSS
VGS = 0V, ID =250µA
20
V
Gate-source leakage
IGSS
VDS =0V, VGS =±4.5V
±1
µA
Zero gate voltage drain current
IDSS
VDS =16V, VGS =0V
100
nA
ON CHARACTERISTICS (note 2)
Gate-source threshold voltage
VGS(th)
VDS =VGS, ID =250µA
0.45
0.8
1.1
V
VGS =4.5V, ID =600mA
300
570
VGS =2.5V, ID =500mA
380
620
VGS =1.8V, ID =350mA
550
700
Drain-source on-state resistance
RDS(on)
VGS =1.5V, ID =40mA
600
1500
m
Ω
Forward transconductance
gfs
VDS =10V, ID =400mA
0.5
S
CHARGES AND CAPACITANCES (note 3)
Input Capacitance
Ciss
110
Output Capacitance
Coss
16
Reverse Transfer Capacitance
Crss
VDS =16V,VGS =0V,f =1MHz
12
pF
Total Gate Charge
Qg
1.82
Gate-Source Charge
Qgs
0.3
Gate-Drain Charge
Qgd
VDS =10V,VGS =4.5V,
ID =200mA
0.42
nC
SWITCHING CHARACTERISTICS (note 3,4)
Turn-on delay time
td(on)
3.7
Rise time
tr
4.4
Turn-off delay time
td(off)
25
Fall time
tf
VDD=10V, VGS=4.5V
RG=10Ω, ID =200mA
7.6
ns
DRAIN-SOURCE DIODE CHARACTERISTICS
Body diode voltage
VSD
IS=0.2A, VGS =0V
1.1
V
Notes : 1. Surface mounted on FR4 board using 1 in sq pad size
.
2. Pulse Test : Pulse width
≤300µs, Duty cycle ≤2%.
3. Guaranteed by design, not subject to production testing.
4. Switching characteristics are independent of operating junction temperatures.
MOSFET ELECTRICAL CHARACTERISTICS
a
T =25
℃ unless otherwise specified
N-Channel 20-V(D-S) MOSFET
B C4153KT



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com