Electronic Components Datasheet Search
  English  ▼

X  

FN0608D5 Datasheet(PDF) 2 Page - Goodwork Semiconductor Co., Ltd .

Part # FN0608D5
Description  N-Channel Enhancement MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

FN0608D5 Datasheet(HTML) 2 Page - Goodwork Semiconductor Co., Ltd .

  FN0608D5 Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . FN0608D5 Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd . FN0608D5 Datasheet HTML 3Page - Goodwork Semiconductor Co., Ltd . FN0608D5 Datasheet HTML 4Page - Goodwork Semiconductor Co., Ltd . FN0608D5 Datasheet HTML 5Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Electrical Characteristics (TAmbient=25ºC unless noted otherwise)
Symbol
Parameters
Conditions
Min.
Typ.
Max. Unit
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, ID=250μA
60
Volt
IDSS
Zero Gate Voltage Drain Current
VDS=60V, VGS=0V
1
μA
IGSS
Gate-Body Leakage Current
VGS=±20V, VDS=0V
±100
nA
On Characteristics
VGS(th)
Gate Threshold Voltage
VDS= VGS, ID=250μA
1.2
1.7
2.5
Volt
RDS(ON)
Drain-Source On-State Resistance
VGS=10V, ID=15A
7.0
9.5
mΩ
VGS=4.5V, ID=12A
9.0
12
mΩ
Dynamic Characteristics
Ciss
Input Capacitance
VDD=30V, VGS=0V ,
F=1MHz
1090
pF
Coss
Output Capacitance
309
pF
Crss
Reverse Transfer Capacitance
8.5
pF
Switching Characteristics
td(on)
Turn-on Delay Time
VDD=30V, VGS=10V
RG=3Ω, ID=12A
4.8
nS
tr
Turn-on Rise Time
7.6
nS
td(off)
Turn-Off Delay Time
24
nS
tf
Turn-Off Fall Time
8.9
nS
Qg
Total Gate Charge
VGS=10V, VDS=30V,
ID=15A
16.5
nC
Qgs
Gate-Source Charge
2.6
nC
Qgd
Gate-Drain Charge
2.7
nC
Drain-Source Diode Characteristics
VSD
Diode Forward Voltage
VGS=0V, IS=10A
0.72
1.4
V
Notes: 1. Repetitive Rating: Pulse width limited by maximum junction temperature
2. Surface mounted on FR4 Board, t≤10 sec
3. Pulse Test: Pulse Width≤300μs, Duty Cycle≤2%
4. Guaranteed by design, not subject to production
     
FN0608D5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com