Electronic Components Datasheet Search
  English  ▼

X  

1700607 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1700607
Description  FRONT 2,5-V/SA 5/16 - PCB terminal block
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1700607 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1700607 Datasheet HTML 1Page - PHOENIX CONTACT 1700607 Datasheet HTML 2Page - PHOENIX CONTACT 1700607 Datasheet HTML 3Page - PHOENIX CONTACT 1700607 Datasheet HTML 4Page - PHOENIX CONTACT 1700607 Datasheet HTML 5Page - PHOENIX CONTACT 1700607 Datasheet HTML 6Page - PHOENIX CONTACT 1700607 Datasheet HTML 7Page - PHOENIX CONTACT 1700607 Datasheet HTML 8Page - PHOENIX CONTACT 1700607 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
PCB terminal block, nominal current: 24 A, rated voltage (III/2): 400 V, nominal cross section: 2.5
mm2, number of potentials: 16, number of rows: 1, number of positions per row: 16, product
range: FRONT 2,5-V/SA 5, pitch: 5 mm, connection method: Front screw connection, mounting:
Wave soldering, conductor/PCB connection direction: 90 °, color: green, Pin layout: Linear
pinning, Solder pin [P]: 3.5 mm, number of solder pins per potential: 2, type of packaging:
packed in cardboard
Your advantages
Well-known connection principle allows worldwide use
•
Low temperature rise, thanks to maximum contact force
•
Operation and conductor connection from one direction enable integration into front of device
•
Two solder pins reduce the mechanical strain on the soldering spots
•
The latching on the side enables various numbers of positions to be combined
•
Allows connection of two conductors
•
Commercial data
Item number
1700607
Packing unit
10 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Product key
AAMFDF
GTIN
4046356495264
Weight per piece (including packing)
57 g
Weight per piece (excluding packing)
57 g
Country of origin
PL
FRONT 2,5-V/SA 5/16 - PCB terminal block
1700607
https://www.phoenixcontact.com/us/products/1700607
Mar 8, 2024, 5:33 AM
Page 1 (12)


Similar Part No. - 1700607

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1700605 PHOENIX-1700605 Datasheet
281Kb / 12P
FRONT 2,5-V/SA 5/13 - PCB terminal block
More results

Similar Description - 1700607

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1700037 PHOENIX-1700037 Datasheet
87Kb / 6P
PCB terminal block - FRONT 2,5-V/SA 5
1700134 PHOENIX-1700134 Datasheet
62Kb / 5P
PCB terminal block - FRONT 2,5-V/SA 5/ 3
1700231 PHOENIX-1700231 Datasheet
62Kb / 5P
PCB terminal block - FRONT 2,5-V/SA 5/ 6
1700244 PHOENIX-1700244 Datasheet
79Kb / 5P
PCB terminal block - FRONT 2,5-V/SA 5/ 2
1700710 PHOENIX-1700710 Datasheet
61Kb / 4P
PCB terminal block - FRONT 2,5-V/SA 5/ 8
1700781 PHOENIX-1700781 Datasheet
145Kb / 7P
PCB terminal block - FRONT 2,5-H/SA 5/ 4
1701162 PHOENIX-1701162 Datasheet
77Kb / 5P
PCB terminal block - FRONT 2,5-V/SA 5-EX
1724660 PHOENIX-1724660 Datasheet
59Kb / 4P
PCB terminal block - FRONT 2,5-H/SA 5/ 5
1888250 PHOENIX-1888250 Datasheet
60Kb / 5P
PCB terminal block - FRONT 2,5-V/SA 5/ 4
1724152 PHOENIX-1724152 Datasheet
299Kb / 12P
FRONT 2,5-V/SA 5/ 7 - PCB terminal block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com