Electronic Components Datasheet Search
  English  ▼

X  

1732467 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1732467
Description  SPT 2,5/10-H-5,0-EX - PCB terminal block
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1732467 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1732467 Datasheet HTML 1Page - PHOENIX CONTACT 1732467 Datasheet HTML 2Page - PHOENIX CONTACT 1732467 Datasheet HTML 3Page - PHOENIX CONTACT 1732467 Datasheet HTML 4Page - PHOENIX CONTACT 1732467 Datasheet HTML 5Page - PHOENIX CONTACT 1732467 Datasheet HTML 6Page - PHOENIX CONTACT 1732467 Datasheet HTML 7Page - PHOENIX CONTACT 1732467 Datasheet HTML 8Page - PHOENIX CONTACT 1732467 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
PCB terminal block, nominal current: 23 A, nominal cross section: 2.5 mm2, number of
potentials: 10, number of rows: 1, number of positions per row: 10, product range: SPT 2,5/..-H-
EX, pitch: 5 mm, connection method: Push-in spring connection, mounting: Wave soldering,
conductor/PCB connection direction: 0 °, color: green, Pin layout: Linear pinning, Solder pin [P]:
2.5 mm, number of solder pins per potential: 2, type of packaging: packed in cardboard
Your advantages
Time saving push-in connection, tools not required
•
Defined contact force ensures that contact remains stable over the long term
•
Clamping space opened by means of fixed screwdriver enables convenient conductor connection
•
Operation and conductor connection from one direction enable integration into front of device
•
Satisfies the more stringent safety requirements of “Ex eb” protection according to IEC 60079-7 for potentially explosive areas
•
Two solder pins reduce the mechanical strain on the soldering spots
•
Commercial data
Item number
1732467
Packing unit
50 pc
Minimum order quantity
1 pc
Product key
AAMBFA
Catalog page
Page 163 (C-1-2013)
GTIN
4046356283007
Weight per piece (including packing)
12.642 g
Weight per piece (excluding packing)
9.86 g
Country of origin
PL
SPT 2,5/10-H-5,0-EX - PCB terminal block
1732467
https://www.phoenixcontact.com/us/products/1732467
Mar 8, 2024, 5:04 AM
Page 1 (10)


Similar Part No. - 1732467

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1732409 PHOENIX-1732409 Datasheet
350Kb / 10P
SPT 2,5/ 4-H-5,0-EX - PCB terminal block
1732412 PHOENIX-1732412 Datasheet
345Kb / 10P
SPT 2,5/ 5-H-5,0-EX - PCB terminal block
1732425 PHOENIX-1732425 Datasheet
349Kb / 10P
SPT 2,5/ 6-H-5,0-EX - PCB terminal block
1732438 PHOENIX-1732438 Datasheet
345Kb / 10P
SPT 2,5/ 7-H-5,0-EX - PCB terminal block
1732441 PHOENIX-1732441 Datasheet
345Kb / 10P
SPT 2,5/ 8-H-5,0-EX - PCB terminal block
More results

Similar Description - 1732467

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1732386 PHOENIX-1732386 Datasheet
64Kb / 3P
PCB terminal block - SPT 2,5/ 2-H-5,0-EX
1732496 PHOENIX-1732496 Datasheet
62Kb / 3P
PCB terminal block - SPT 2,5/ 2-V-5,0-EX
1732506 PHOENIX-1732506 Datasheet
62Kb / 3P
PCB terminal block - SPT 2,5/ 3-V-5,0-EX
1732519 PHOENIX-1732519 Datasheet
62Kb / 3P
PCB terminal block - SPT 2,5/ 4-V-5,0-EX
1732593 PHOENIX-1732593 Datasheet
62Kb / 3P
PCB terminal block - SPT 2,5/12-V-5,0-EX
1751066 PHOENIX-1751066 Datasheet
54Kb / 4P
PCB terminal block - SPT 2,5/ 1-H-5,0
1991053 PHOENIX-1991053 Datasheet
77Kb / 5P
PCB terminal block - SPT 2,5/10-H-5,0
1991079 PHOENIX-1991079 Datasheet
77Kb / 5P
PCB terminal block - SPT 2,5/12-H-5,0
1732409 PHOENIX-1732409 Datasheet
350Kb / 10P
SPT 2,5/ 4-H-5,0-EX - PCB terminal block
1732425 PHOENIX-1732425 Datasheet
349Kb / 10P
SPT 2,5/ 6-H-5,0-EX - PCB terminal block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com