Electronic Components Datasheet Search
  English  ▼

X  

1909443 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1909443
Description  FKCT 2,5/ 6-STF - PCB connector
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1909443 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1909443 Datasheet HTML 1Page - PHOENIX CONTACT 1909443 Datasheet HTML 2Page - PHOENIX CONTACT 1909443 Datasheet HTML 3Page - PHOENIX CONTACT 1909443 Datasheet HTML 4Page - PHOENIX CONTACT 1909443 Datasheet HTML 5Page - PHOENIX CONTACT 1909443 Datasheet HTML 6Page - PHOENIX CONTACT 1909443 Datasheet HTML 7Page - PHOENIX CONTACT 1909443 Datasheet HTML 8Page - PHOENIX CONTACT 1909443 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 320 V, contact surface: Tin, contact connection type: Socket, number of potentials:
6, number of rows: 1, number of positions: 6, number of connections: 6, product range: FKCT
2,5/..-STF, pitch: 5 mm, connection method: Push-in spring connection, conductor/PCB
connection direction: 0 °, locking clip: - without locking clip, plug-in system: COMBICON MSTB
2,5, locking: Screw locking mechanism, mounting: Screw flange, type of packaging: packed in
cardboard
Your advantages
Time saving push-in connection, tools not required
•
Intuitive operation due to color-coded actuating push button
•
Quick and convenient testing using integrated test option
•
Screwable flange for superior mechanical stability
•
Optimized for tight installation situations: operation and conductor connection from one direction
•
Can be combined with the MSTB 2,5 range
•
Commercial data
Item number
1909443
Packing unit
50 pc
Minimum order quantity
50 pc
Sales key
AA03
Product key
AACFAH
Catalog page
Page 277 (C-1-2013)
GTIN
4017918188306
Weight per piece (including packing)
11.147 g
Weight per piece (excluding packing)
10.8 g
Customs tariff number
85366990
Country of origin
DE
FKCT 2,5/ 6-STF - PCB connector
1909443
https://www.phoenixcontact.com/us/products/1909443
Mar 8, 2024, 5:49 AM
Page 1 (19)


Similar Part No. - 1909443

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1909401 PHOENIX-1909401 Datasheet
163Kb / 6P
MDSTB 2,5/ 2-G
1909414 PHOENIX-1909414 Datasheet
768Kb / 21P
FKCT 2,5/ 3-STF - PCB connector
1909427 PHOENIX-1909427 Datasheet
679Kb / 19P
FKCT 2,5/ 4-STF - PCB connector
1909430 PHOENIX-1909430 Datasheet
710Kb / 19P
FKCT 2,5/ 5-STF - PCB connector
1909456 PHOENIX-1909456 Datasheet
156Kb / 5P
MSTB 2,5/ 7-GF
More results

Similar Description - 1909443

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1909566 PHOENIX-1909566 Datasheet
79Kb / 5P
Printed-circuit board connector - FKCT 2,5/18-STF
1835517 PHOENIX-1835517 Datasheet
265Kb / 9P
PCB connector - MVSTBR 2,5/ 6-STF
Jan 4, 2023
1861506 PHOENIX-1861506 Datasheet
424Kb / 14P
PCB connector - FKCOR 2,5/ 6-STF-5,08
Jan 10, 2023
1754830 PHOENIX-1754830 Datasheet
1Mb / 21P
PCB connector - FKCN 2,5/ 6-STF-5,08
1971109 PHOENIX-1971109 Datasheet
726Kb / 17P
PCB connector - SMSTB 2,5/ 6-STF-5,08
1860811 PHOENIX-1860811 Datasheet
422Kb / 14P
FKCOW 2,5/ 6-STF-5,08 - PCB connector
1902411 PHOENIX-1902411 Datasheet
1Mb / 22P
FKCT 2,5/13-STF-5,08 - PCB connector
1909414 PHOENIX-1909414 Datasheet
768Kb / 21P
FKCT 2,5/ 3-STF - PCB connector
1902437 PHOENIX-1902437 Datasheet
1Mb / 22P
FKCT 2,5/15-STF-5,08 - PCB connector
1909430 PHOENIX-1909430 Datasheet
710Kb / 19P
FKCT 2,5/ 5-STF - PCB connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com