Electronic Components Datasheet Search
  English  ▼

X  

165080 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 165080
Description  Shut off valve
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

165080 Datasheet(HTML) 1 Page - Festo Corporation.

  165080 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Shut off valve
HEL-1/2-D-MIDI
Part number: 165080
General operating condition
Data sheet
Feature
Value
Exhaust air function
With flow control option
Actuation type
Pneumatic
Sealing principle
Soft
Mounting position
Any
Manual override
None
Structural design
Piston gate valve
Reset method
Mechanical spring
Type of control
Direct
Flow direction
Non-reversible
Symbol
00991513
Valve function
2/2, closed, monostable
Operating pressure
3 bar ... 16 bar
b-value
0.37
C value
19.8 l/sbar
Standard nominal flow rate
3600 l/min
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Inert gas
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
LABS (PWIS) conformity
VDMA24364-B1/B2-L
Air quality class at the output
Compressed air as per ISO 8573-1:2010 [7:4:4]
Inert gas
Temperature of medium
-10 °C ... 60 °C
Ambient temperature
-10 °C ... 60 °C
Product weight
270 g
Type of mounting
Line installation
Pneumatic connection 1
G1/2
Pneumatic connection 2
G1/2
Note on materials
RoHS-compliant
Seals material
NBR
Housing material
Die-cast aluminum
4/14/24 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 165080

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
165081 FESTO-165081 Datasheet
91Kb / 1P
Shut off valve
165082 FESTO-165082 Datasheet
97Kb / 1P
Shut off valve
165083 FESTO-165083 Datasheet
96Kb / 1P
Shut off valve
logo
Adels-Contact
165083RO ADELS-165083RO Datasheet
122Kb / 2P
AC 166 GBU/325 SK II RO
12/11/2019
logo
TE Connectivity Ltd
165085 TEC-165085 Datasheet
2Mb / 6P
PLASTI-GRIP Terminals & Splices
08/2013
More results

Similar Description - 165080

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
541258 FESTO-541258 Datasheet
83Kb / 1P
Shut off valve
3/25/22
541268 FESTO-541268 Datasheet
80Kb / 1P
Shut off valve
3/25/22
541269 FESTO-541269 Datasheet
80Kb / 1P
Shut off valve
3/25/22
541270 FESTO-541270 Datasheet
85Kb / 1P
Shut off valve
3/25/22
541272 FESTO-541272 Datasheet
80Kb / 1P
Shut off valve
3/25/22
541276 FESTO-541276 Datasheet
80Kb / 1P
Shut off valve
3/25/22
541283 FESTO-541283 Datasheet
83Kb / 1P
Shut off valve
3/25/22
542583 FESTO-542583 Datasheet
86Kb / 2P
Shut off valve
3/27/22
532117 FESTO-532117 Datasheet
85Kb / 2P
Shut off valve
3/29/22
538749 FESTO-538749 Datasheet
81Kb / 2P
Shut off valve
3/29/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com