Electronic Components Datasheet Search
  English  ▼

X  

173921 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 173921
Description  Shut off valve
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

173921 Datasheet(HTML) 1 Page - Festo Corporation.

  173921 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Shut off valve
HEL-3/4-D-MIDI-NPT
Part number: 173921
General operating condition
Data sheet
Feature
Value
Width dimension
55 mm
Exhaust air function
With flow control option
Actuation type
Pneumatic
Sealing principle
Soft
Mounting position
Any
Manual override
None
Structural design
Piston gate valve
Reset method
Mechanical spring
Type of control
Direct
Flow direction
Non-reversible
Symbol
00991513
Valve function
2/2, closed, monostable
Operating pressure
3 bar ... 16 bar
b-value
0.48
C value
20.5 l/sbar
Standard nominal flow rate
3800 l/min
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Inert gas
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
LABS (PWIS) conformity
VDMA24364-B1/B2-L
Air quality class at the output
Compressed air as per ISO 8573-1:2010 [7:4:4]
Inert gas
Temperature of medium
-10 °C ... 60 °C
Ambient temperature
-10 °C ... 60 °C
Product weight
270 g
Type of mounting
Line installation
With accessories
Pneumatic connection 1
3/4 NPT
Pneumatic connection 2
3/4 NPT
Note on materials
RoHS-compliant
Seals material
NBR
Housing material
Die-cast aluminum
4/14/24 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 173921

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
173920 FESTO-173920 Datasheet
91Kb / 1P
Shut off valve
173922 FESTO-173922 Datasheet
98Kb / 1P
Shut off valve
173923 FESTO-173923 Datasheet
96Kb / 1P
Shut off valve
173925 FESTO-173925 Datasheet
94Kb / 1P
Branching module
173927 FESTO-173927 Datasheet
95Kb / 1P
Branching module
More results

Similar Description - 173921

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
541258 FESTO-541258 Datasheet
83Kb / 1P
Shut off valve
3/25/22
541268 FESTO-541268 Datasheet
80Kb / 1P
Shut off valve
3/25/22
541269 FESTO-541269 Datasheet
80Kb / 1P
Shut off valve
3/25/22
541270 FESTO-541270 Datasheet
85Kb / 1P
Shut off valve
3/25/22
541272 FESTO-541272 Datasheet
80Kb / 1P
Shut off valve
3/25/22
541276 FESTO-541276 Datasheet
80Kb / 1P
Shut off valve
3/25/22
541283 FESTO-541283 Datasheet
83Kb / 1P
Shut off valve
3/25/22
542583 FESTO-542583 Datasheet
86Kb / 2P
Shut off valve
3/27/22
532117 FESTO-532117 Datasheet
85Kb / 2P
Shut off valve
3/29/22
538749 FESTO-538749 Datasheet
81Kb / 2P
Shut off valve
3/29/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com