Electronic Components Datasheet Search
  English  ▼

X  

B59060 Datasheet(PDF) 2 Page - EPCOS

Part # B59060
Description  Metallized Round Disks, 12 V Heating Elements
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B59060 Datasheet(HTML) 2 Page - EPCOS

  B59060 Datasheet HTML 1Page - EPCOS B59060 Datasheet HTML 2Page - EPCOS B59060 Datasheet HTML 3Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
197 10/02
Electrical specifications and ordering codes
TRef
°C
Rmin
(V = VN)
Ω
Tsurf2)
(V = VN)
°C
RN
(Vmeas ≤ 1,5 V)
Ω
Ordering code
0201)
40
≥ 320
B59060A0000A010
40
41)
70
9
B59060A0040A010
60
5
80
9
B59060A0060A010
80
4
95
9
B59060A0080A010
120
4
130
9
B59060A0120A010
160
3
165
9
B59060A0160A010
180
3
185
9
B59060A0180A010
220
2
210
9
B59060A0220A010
280
3
265
18
B59060A0280A010
Characteristics (typical)
PTC resistance RPTC versus PTC temperature TPTC
(measured at low signal voltage)
1) T (RPTC = Rmin) < 25°C
2) Measured between points
0
PTC
R
PTC
T
TPT0379-F
Ω
10 0
B59060A0**0A010
Ref
60 ˚C
80 ˚C
40 ˚C
0 ˚C
T
10 1
10 2
10 3
10 4
10 5
10 7
50
100
150
200
300
˚C
0
PTC
R
PTC
T
TPT0380-I
10 0
B59060A0**0A010
10 1
10 2
10 3
10 4
10 5
10 7
200
100
50
150
400
300
250
220 ˚C
180 ˚C
160 ˚C
120 ˚C
TRef
280 ˚C
Ω
˚C
B59060
A 60
Metallized Round Disks, 12 V
Heating Elements



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com