Electronic Components Datasheet Search
  English  ▼

X  

S23C36 Datasheet(PDF) 2 Page - SMC Diode Solutions Co. LTD

Part # S23C36
Description  TVS ARRAY SERIES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

S23C36 Datasheet(HTML) 2 Page - SMC Diode Solutions Co. LTD

  S23C36 Datasheet HTML 1Page - SMC Diode Solutions Co. LTD S23C36 Datasheet HTML 2Page - SMC Diode Solutions Co. LTD S23C36 Datasheet HTML 3Page - SMC Diode Solutions Co. LTD S23C36 Datasheet HTML 4Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Technical Data
Data Sheet N1001, Rev. A
 China - Germany - Korea - Singapore - United States 
 http://www.smc-diodes.com - sales@ smc-diodes.com 
S23C03
THRU
S23C36
For information on tape and reel specifications, including part
orientation and tape sizes, please refer to our tape and reel
packaging specification.
Electrical Characteristics@25°C
Part
Number
Device
Code
Stand-off
Voltage
Vwm
(V)
Max
Breakdo
wn
Voltage
VBR
@1mA
(V)
Min
Clampin
g
Voltage
Vc
@ 1 A
(V)
Max
Leakage
Current
IR
@ Vwm
(uA)
Max
Capacitan
ce
(f = 1MHz)
C@ 0V
(pF)
Pin 1-3, 2-
3 Max
Capacitance
(f = 1MHz)
C@ 0V
(pF)
Pin 1- 2
Max
S23C03
03
3.3
4
8
200
600
300
S23C05
05
5.0
6
10.8
20
400
200
S23C12
12
12.0
13.3
19
0.1
160
80
S23C15
15
15.0
16.7
25
0.1
130
65
S23C24
24
24.0
26.7
44
0.1
80
40
S23C36
36
36.0
40.0
60
0.1
50
28
Ratings and Characteristics Curves
Ordering Information
Marking Diagram
Device
Package
Shipping
S23C03
THRU
S23C36
SOT-23
(Pb-Free)
3000pcs / reel
S23C03TR
THRU
S23C36TR
SOT-23
(Pb-Free)
3000pcs / reel
Where 05 is S23C05
05
= Part Number



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com