Electronic Components Datasheet Search
  English  ▼

X  

B59062 Datasheet(PDF) 2 Page - EPCOS

Part # B59062
Description  Metallized Round Disks, 42 V Power Net Heating Elements
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B59062 Datasheet(HTML) 2 Page - EPCOS

  B59062 Datasheet HTML 1Page - EPCOS B59062 Datasheet HTML 2Page - EPCOS B59062 Datasheet HTML 3Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
201 10/02
Electrical specifications and ordering codes
TRef
°C
Rmin
(V = VN)
Ω
Tsurf1)
(V = VN)
°C
RN
(Vmeas ≤ 1,5 V)
Ω
Ordering code
120
50
140
110
B59062A0120A010
140
38
155
110
B59062A0140A010
160
33
170
110
B59062A0160A010
Characteristics (typical)
PTC resistance RPTC versus PTC temperature TPTC
(measured at low signal voltage)
1) Measured between points
TPT0749-I
10 1
R
T
PTC
PTC
˚C
0
Ω
120 ˚C
160 ˚C
140 ˚C
2
10
3
10
4
10
5
10
6
10
7
10
8
10
Ref
T
50
100
150
200
250
300
B59062A01*0A010
B59062
A 62
Metallized Round Disks, 42 V Power Net
Heating Elements



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com