Electronic Components Datasheet Search
  English  ▼

X  

B82111B Datasheet(PDF) 3 Page - EPCOS

Part # B82111B
Description  Chokes and inductors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82111B Datasheet(HTML) 3 Page - EPCOS

  B82111B Datasheet HTML 1Page - EPCOS B82111B Datasheet HTML 2Page - EPCOS B82111B Datasheet HTML 3Page - EPCOS B82111B Datasheet HTML 4Page - EPCOS B82111B Datasheet HTML 5Page - EPCOS B82111B Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
11/05
VHF chokes
B82111B
Ferrite core
Please read the Important notes at the end of
this document.
General technical data
Test voltage Vtest
2500 VAC, 1 min
Rated inductance LR
Measuring frequency:L
≤ 10 μH=
1 MHz
10
μH < L ≤ 1000 μH = 100 kHz
Inductance tolerance
±20%
Rated current IR
Referred to 60
°C ambient temperature,
for derating see below
Inductance decrease
ΔL/L
0
≤10% (referred to initial value)
at DC load IR at 20 °C
DC resistance Rtyp
Typical value, measured at 20
°C ambient temperature
Resonance frequency fres, min
Typical value, measured with Scalar Network Analyzer
ZAS from Rohde & Schwarz
Climatic category (IEC 60068-1)
55/125/56 (–55
°C/+125 °C/56 days damp heat test)
Current derating Iop/IR
versus ambient temperature TA
(rated temperature TR = 60 °C)
Mounting information
When bending the leads, take care that the bending
point is at least 3 mm apart from the face ends of the
core and that the start-of-winding-areas are not subject-
ed to any mechanical stress.
SSB0087-Q-E
0
0
op
I
R
I
TA
20
40
60
80
100
˚C
140
0.2
0.4
0.6
0.8
1.0
1.2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com