Electronic Components Datasheet Search
  English  ▼

X  

17-300080 Datasheet(PDF) 1 Page - CONEC Elektronische Bauelemente GmbH

Part # 17-300080
Description  IP67 Industrial Duplex LC Plug Kit Nickel Plated Zinc Die-Cast Version
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

17-300080 Datasheet(HTML) 1 Page - CONEC Elektronische Bauelemente GmbH

  17-300080 Datasheet HTML 1Page - CONEC Elektronische Bauelemente GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
1
2
2
3
3
4
4
5
5
6
6
A
A
B
B
C
C
D
D
A3
1/1
Rev.
Changes
Date
Name
R
2010
Draw.
Appd.
Norm
D-old
DIN
Scale:
Part No.:
Material:
Title:
Drawing No.:
Sheet
Autodesk
Inventor
Dim. in
Approval Date
Name
Title
Customer:
a
b
c
d
e
g
f
original
1 x b
1 x c
1 x d
2 x e
1 x f
1 x g
Jun/18/2010
Jul/19/2010
Nov/04/2010
Nov/22/2010
July/12/2011
Sep/25/2013
Vincent ke
Vincent ke
Vincent ke
Vincent Ke
Vincent Ke
Vincent Ke
Date
Jun. 03
Jun. 03
J. Chaudry
Vincent Ke
Name
mm
See Notes
IP67 Industrial Duplex LC
Plug Kit
Nickel Plated Zinc Die-Cast Version
17K1A172
SEE PART NUMBER TABLE
Tolerance
Unless otherwise specified
0 PLC
`0.50
1
PLC
`0.38
2 PLC
`0.25
3 PLC
`0.10
ANGLES
`3~
Notes:
1. Material and Finish:
- Coupler Ring: Zinc Die-Cast, Nickel Plated
- Plug Housing: Zinc Die-Cast, Nickel Plated
- Cable Gland: Brass, Nickel Plated
- Cable Gland Rubber Ring: NBR, Color: Black
- Cable Fitting: PA (Black), UL94 V-0
- Interfacial Seal: Silicone, Color: White
Duplex LC Connector
- Housing: PEI , UL94 V-0,
Color: SM Blue/MM Beige/APC SM Green
- Inner Sub Assembly: Zirconia, Metal and PTFE
- Crimp Barrel: Brass, Nickel Plated
- Ferrlue: Brass, Nickel Plated
- Dust Cap: PC, Color: White
- Duplex LC Clip: PC, Color: Black
- Operating Temperature: -40~C to +85~C
2. IP67 rated when covered or fully mated with
the appropriate mating connector
3. Accept
4.5mm to 8.0mm outside
diameter fiber optic cable
Key Protrusion x 3
Interfacial Seal
n31.5
21
9.51
100.81 REF.
c
d
Description
Part Number
Single Mode (SM)
Multi Mode (MM)
17-300080
17-300090
APC Single Mode (APC SM)
17-300120
e
e
Dust Cap
Duplex LC Clip
Coupling Ring
Bayonet Locking Type
Zinc Die-Cast
Cable Gland
Metal
Plug Housing
Zinc Die-Cast
Directive 2002/95/EC RoHS Compliant
f
Duplex LC Connector
Ferrule
Crimp Barrel
Cable Fitting
Plastic
g


Similar Part No. - 17-300080

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
17-300080 CONEC-17-300080 Datasheet
623Kb / 1P
IP67 Industrial Duplex LC Plug Kit Nickel Plated Zinc Die-Cast Version
Jun. 03. 2010
More results

Similar Description - 17-300080

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
17-101794 CONEC-17-101794 Datasheet
518Kb / 1P
RJ45 Plug Kit with shielded Cat. 5e RJ45 Plug Zinc Die-Cast Version
17-200591 CONEC-17-200591 Datasheet
668Kb / 1P
Die-Cast IP67 USB Plug Kit
17K1A216 CONEC-17K1A216 Datasheet
441Kb / 1P
IP67 Industrial Duplex LC Plug Protective Cover Assembly Kit
17K1A302 CONEC-17K1A302 Datasheet
598Kb / 1P
IP67 Industrial Duplex LC Receptacle Cover Assembly Kit
17K1A303 CONEC-17K1A303 Datasheet
458Kb / 1P
IP67 Industrial Duplex LC Plug Protective Cover Assembly Kit
17K1A327 CONEC-17K1A327 Datasheet
636Kb / 1P
IP67 Industrial Duplex LC Receptacle (with Flange) Cover Kit
logo
E-SWITCH
K300103 E-SWITCH-K300103 Datasheet
67Kb / 1P
ZINC ALLOY DIE CAST
K300110 E-SWITCH-K300110 Datasheet
67Kb / 1P
ZINC ALLOY DIE CAST
K500105 E-SWITCH-K500105 Datasheet
33Kb / 1P
ZINC ALLOY DIE CAST
logo
Amphenol Corporation
P-MUSB-B151-XX AMPHENOL-P-MUSB-B151-XX Datasheet
83Kb / 2P
OUTER SHELL: DIE CAST ZINC ALLOY, NICKEL PLATED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com