Electronic Components Datasheet Search
  English  ▼

X  

B59044 Datasheet(PDF) 2 Page - EPCOS

Part # B59044
Description  Heating Elements Metallized Rectangular Disks, 42 V Power Net
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B59044 Datasheet(HTML) 2 Page - EPCOS

  B59044 Datasheet HTML 1Page - EPCOS B59044 Datasheet HTML 2Page - EPCOS B59044 Datasheet HTML 3Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
203 10/02
Electrical specifications and ordering codes
TRef
°C
Rmin
(V = VN)
Ω
Tsurf1)
(V = VN)
°C
RN
(Vmeas ≤ 1,5 V)
Ω
Ordering code
120
12
135
40
B59044R0120A010
140
12
155
40
B59044R0140A010
160
10
175
40
B59044R0160A010
Characteristics (typical)
PTC resistance RPTC versus PTC temperature TPTC
(measured at low signal voltage)
1) Measured between points
TPT0747-2
10 1
R
T
PTC
PTC
˚C
0
Ω
50
100
150
200
250
120 ˚C
160 ˚C
140 ˚C
2
10
3
10
4
10
5
10
6
10
7
10
8
10
Ref
T
B59044R01*0A010
B59044
R 44
Metallized Rectangular Disks, 42 V Power Net
Heating Elements



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com