Electronic Components Datasheet Search
  English  ▼

X  

B82500 Datasheet(PDF) 1 Page - EPCOS

Part # B82500
Description  VHF chokes with ferrite core Rated voltage 250 V dc/ac Rated current 0,2 to 2 A Rated inductance 120 to 3900 mH
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82500 Datasheet(HTML) 1 Page - EPCOS

  B82500 Datasheet HTML 1Page - EPCOS B82500 Datasheet HTML 2Page - EPCOS B82500 Datasheet HTML 3Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
203 04/00
VHF chokes with ferrite core
Rated voltage 250 V dc/ac
Rated current 0,2 to 2 A
Rated inductance 120 to 3900
µH
Construction
s
Ferrite cylinder core
s
Winding: low-capacitance, multilayer,
enamel copper wire
s
Polyester insulating sleeve
Features
s
High resonance frequency
s
High inductance ratings
Applications
s
RF blocking and filtering
s
Interference suppression in small appliances
Marking
LR and IR in clear text
Delivery mode
Bulk
Dimensional drawing
B82500
VHF Chokes


Similar Part No. - B82500

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82500 EPCOS-B82500 Datasheet
104Kb / 6P
Inductors
B82500C0000A002 EPCOS-B82500C0000A002 Datasheet
104Kb / 6P
Inductors
logo
TDK Electronics
B82500C0000A002 TDK-B82500C0000A002 Datasheet
524Kb / 6P
Inductors VHF chokes
logo
EPCOS
B82500C0000A005 EPCOS-B82500C0000A005 Datasheet
104Kb / 6P
Inductors
logo
TDK Electronics
B82500C0000A005 TDK-B82500C0000A005 Datasheet
524Kb / 6P
Inductors VHF chokes
More results

Similar Description - B82500

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84110A EPCOS-B84110A Datasheet
123Kb / 7P
Power line filters for 1-phase systems Rated voltage 250 V DC/AC, 50/60 Hz Rated current 0.5 to 6 A
B82476-A1103-M EPCOS-B82476-A1103-M Datasheet
58Kb / 3P
Rated inductance 10 to 1000 mH Rated current 300 to 3800 mA
B82478-A1103-M EPCOS-B82478-A1103-M_1 Datasheet
59Kb / 3P
Rated inductance 10 to 1000 mH Rated current 400 to 3500 mA
B82141A EPCOS-B82141A Datasheet
229Kb / 10P
SBC choke (Small Bobbin Core) Rated current 55 to 725 mA Rated inductance 1 to 1000
B82114 EPCOS-B82114 Datasheet
92Kb / 6P
VHF chokes for power line applications Rated voltage 500 V dc/ac Rated current max. 1 A
logo
WAGO Kontakttechnik Gmb...
855-3001-250-001 WAGO-855-3001-250-001 Datasheet
199Kb / 5P
Split-core current transformer; Primary rated current: 250 A
855-4001-250-000 WAGO-855-4001-250-000 Datasheet
213Kb / 5P
Split-core current transformer; Primary rated current: 250 A
855-4005-250-100 WAGO-855-4005-250-100 Datasheet
214Kb / 5P
Split-core current transformer; Primary rated current: 250 A
855-4105-250-101 WAGO-855-4105-250-101 Datasheet
216Kb / 5P
Split-core current transformer; Primary rated current: 250 A
855-5101-250-001 WAGO-855-5101-250-001 Datasheet
274Kb / 5P
Split-core current transformer; Primary rated current: 250 A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com