Electronic Components Datasheet Search
  English  ▼

X  

INA500BIDBVR Datasheet(PDF) 29 Page - Texas Instruments

Part # INA500BIDBVR
Description  INA500 Cost and Size Optimized, Low Power, 1.7V to 5.5V Difference Amplifier with >1MΩ Input Impedance
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA500BIDBVR Datasheet(HTML) 29 Page - Texas Instruments

Back Button INA500BIDBVR Datasheet HTML 25Page - Texas Instruments INA500BIDBVR Datasheet HTML 26Page - Texas Instruments INA500BIDBVR Datasheet HTML 27Page - Texas Instruments INA500BIDBVR Datasheet HTML 28Page - Texas Instruments INA500BIDBVR Datasheet HTML 29Page - Texas Instruments INA500BIDBVR Datasheet HTML 30Page - Texas Instruments INA500BIDBVR Datasheet HTML 31Page - Texas Instruments INA500BIDBVR Datasheet HTML 32Page - Texas Instruments INA500BIDBVR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 50 page
background image
1
1
1
1
1
1
1
1
1
0.00002%
1
1
1
0.00002%
-1
-21
-31
-41
-51
-61
+1
+21
+31
+41
+51
+61
34.13% 13.59%
34.13%
13.59%
2.145%
2.145% 0.13185%
0.13185%
0.00312%
0.00312%
Figure 7-6. Ideal Gaussian Distribution
Figure 7-6 shows an example distribution, where µ, or mu, is the mean of the distribution, and where σ,
or sigma, is the standard deviation of a system. For a specification that exhibits this kind of distribution,
approximately two-thirds (68.26%) of all units can be expected to have a value within one standard deviation, or
one sigma, of the mean (from µ – σ to µ + σ).
Depending on the specification, values listed in the typical column of the Electrical Characteristics table are
represented in different ways. As a general rule, if a specification naturally has a nonzero mean (for example,
like gain bandwidth), then the typical value is equal to the mean (µ). However, if a specification naturally has a
mean near zero (like offset voltage), then the typical value is equal to the mean plus one standard deviation (µ +
σ) to most accurately represent the typical value.
This chart can be used to calculate approximate probability of a specification in a unit; for example, the INA500A
typical offset voltage is 700µV, so 68.2% of all INA500A devices are expected to have an offset from –700µV to
+700µV. At 4 σ (±2800µV), 99.9937% of the distribution has an offset voltage less than ±2800µV, which means
0.0063% of the population is outside of these limits, which corresponds to about 1 in 15,873 units.
Specifications with a value in the minimum or maximum column are verified by TI, and units outside these
limits are removed from production material. For example, the INA500A family has a maximum offset voltage of
±3.5mV at 25°C, and even though this corresponds to 5σ (equals approximately 1 in 3.5 million units), which is
extremely unlikely, TI verifies that any unit with larger offset than ±3.5mV are removed from production material.
For specifications with no value in the minimum or maximum column, consider selecting a sigma value of
sufficient guard band for the application, and design worst-case conditions using this value. A 6σ value
corresponds to about 1 in 500 million units, which is an extremely unlikely chance, and can be an option as
a wide guard band to design a system around. Histograms for some of the important specifications like offset,
offset drift, CMRR, gain error are shown in the Typical Characteristics section.
In the case of gain error, the INA500 family does not specify a maximum value based on final test but based on
characterization as mentioned in the Electrical Characteristics table. The corresponding distribution mentioned in
Figure 6-10 has a mean of 0.01% and sigma of 0.003%. Hence, the mean plus 6σ value for gain error can be
calculated to be approximately 0.03%. When designing for system conditions with 6σ guardband, this method
and value can be used to estimate the worst possible gain error.
www.ti.com
INA500
SBOSAI9B – DECEMBER 2023 – REVISED MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: INA500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com