Electronic Components Datasheet Search
  English  ▼

X  

PDZ-B Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PDZ-B
Description  Voltage regulator diodes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDZ-B Datasheet(HTML) 4 Page - NXP Semiconductors

  PDZ-B Datasheet HTML 1Page - NXP Semiconductors PDZ-B Datasheet HTML 2Page - NXP Semiconductors PDZ-B Datasheet HTML 3Page - NXP Semiconductors PDZ-B Datasheet HTML 4Page - NXP Semiconductors PDZ-B Datasheet HTML 5Page - NXP Semiconductors PDZ-B Datasheet HTML 6Page - NXP Semiconductors PDZ-B Datasheet HTML 7Page - NXP Semiconductors PDZ-B Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
Table 2
Per type
Tj =25 °C unless otherwise specified.
TYPE
NUMBER
WORKING VOLTAGE
VZ (V)
at IZ =5mA
DIFFERENTIAL RESISTANCE
rdif (Ω)
TEMP. COEFF.
SZ (mV/K)
at IZ =5mA
(see Figs 4 and 5)
DIODE CAP.
Cd (pF)
at f = 1 MHz;
VR =0
NON-REPETITIVE PEAK
REVERSE CURRENT
IZSM (A) at tp = 100 µs;
Tamb =25 °C
MIN.
MAX.
MAX.
at IZ
(mA)
MAX.
at IZ
(mA)
TYP.
MAX.
MAX.
PDZ2.4B
2.43
2.63
1000
0.5
100
5
−1.6
450
8.0
PDZ2.7B
2.69
2.91
1000
0.5
100
5
−2.0
440
8.0
PDZ3.0B
2.85
3.07
1000
0.5
95
5
−2.1
425
8.0
PDZ3.3B
3.32
3.53
1000
0.5
95
5
−2.4
410
8.0
PDZ3.6B
3.60
3.85
500
1.0
90
5
−2.4
390
8.0
PDZ3.9B
3.89
4.16
500
1.0
90
5
−2.5
370
8.0
PDZ4.3B
4.17
4.48
600
1.0
90
5
−2.5
350
8.0
PDZ4.7B
4.55
4.75
600
1.0
90
5
−1.4
325
8.0
PDZ5.1B
4.96
5.20
250
0.5
60
5
0.3
300
5.5
PDZ5.6B
5.48
5.73
100
0.5
50
5
1.9
275
5.5
PDZ6.2B
6.06
6.33
80
0.5
50
5
2.7
250
5.5
PDZ6.8B
6.65
6.93
60
0.5
40
5
3.4
215
5.5
PDZ7.5B
7.28
7.60
60
0.5
10
5
4.0
170
3.5
PDZ8.2B
8.02
8.36
60
0.5
10
5
4.6
150
3.5
PDZ9.1B
8.85
9.23
60
0.5
10
5
5.5
120
3.5
PDZ10B
9.77
10.21
60
0.5
10
5
6.4
110
3.5
PDZ11B
10.78
11.22
60
0.5
10
5
7.4
108
3.0
PDZ12B
11.74
12.24
80
0.5
10
5
8.4
105
3.0
PDZ13B
12.91
13.49
80
0.5
10
5
9.4
103
2.5
PDZ15B
14.34
14.98
80
0.5
15
5
11.4
99
2.0
PDZ16B
15.85
16.51
80
0.5
20
5
12.4
97
1.5
PDZ18B
17.56
18.35
80
0.5
20
5
14.4
93
1.5
PDZ20B
19.52
20.39
100
0.5
20
5
16.4
88
1.5
PDZ22B
21.54
22.47
100
0.5
25
5
18.4
84
1.3
PDZ24B
23.72
24.78
120
0.5
30
5
20.4
80
1.3
PDZ27B
26.19
27.53
150
0.5
40
5
23.4
73
1.0
PDZ30B
29.19
30.69
200
0.5
40
5
26.6
66
1.0
PDZ33B
32.15
33.79
250
0.5
40
5
29.7
60
0.9
PDZ36B
35.07
36.87
300
0.5
60
5
33.0
59
0.8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com