Electronic Components Datasheet Search
  English  ▼

X  

SN74LVC02AD Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC02AD
Description  SN74LVC02A Quadruple 2-Input Positive-NOR Gates
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC02AD Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LVC02AD Datasheet HTML 2Page - Texas Instruments SN74LVC02AD Datasheet HTML 3Page - Texas Instruments SN74LVC02AD Datasheet HTML 4Page - Texas Instruments SN74LVC02AD Datasheet HTML 5Page - Texas Instruments SN74LVC02AD Datasheet HTML 6Page - Texas Instruments SN74LVC02AD Datasheet HTML 7Page - Texas Instruments SN74LVC02AD Datasheet HTML 8Page - Texas Instruments SN74LVC02AD Datasheet HTML 9Page - Texas Instruments SN74LVC02AD Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
SN54LVC02A
UNIT
–55°C to 125°C
MIN
TYP
MAX
Ci
VI = VCC or GND
3.3V
5(1)
pF
(1)
TA = 25°C
4.7 Electrical Characteristics, SN74LVC02A
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
SN74LVC02A
UNIT
TA = 25°C
–40°C to 85°C
–40°C to 125°C
MIN
TYP
MAX
MIN
MAX
MIN
MAX
VOH
IOH = –100μA
1.65V to 3.6V
VCC – 0.2
VCC – 0.2
VCC – 0.3
V
IOH = –4mA
1.65V
1.29
1.2
1.05
IOH = –8mA
2.3V
1.9
1.7
1.55
IOH = –12mA
2.7V
2.2
2.2
2.05
3V
2.4
2.4
2.25
IOH = –24mA
3V
2.3
2.2
2
VOL
IOL = 100μA
1.65V to 3.6V
0.1
0.2
0.3
V
IOL = 4mA
1.65V
0.24
0.45
0.6
IOL = 8mA
2.3V
0.3
0.7
0.75
IOL = 12mA
2.7V
0.4
0.4
0.6
IOL = 24mA
3V
0.55
0.55
0.8
II
VI = 5.5V or GND
3.6V
±1
±5
±20
μA
ICC
VI = VCC or GND, IO = 0
3.6V
1
10
40
μA
ΔICC
One input at VCC – 0.6 V,
Other inputs at VCC or
GND
2.7V to 3.6V
500
500
5000
μA
Ci
VI = VCC or GND
3.3 V
5
pF
4.8 Switching Characteristics, SN54LVC02A
over recommended operating free-air temperature range (unless otherwise noted) (see Load Circuit and Voltage Waveforms)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
SN54LVC02A
UNIT
–55°C to 125°C
MIN
MAX
tpd
A or B
Y
2.7V
5.4
ns
3.3V ± 0.3V
1
4.4
4.9 Switching Characteristics, SN74LVC02A
over recommended operating free-air temperature range (unless otherwise noted) (see Load Circuit and Voltage Waveforms)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
SN74LVC02A
UNIT
TA = 25°C
–40°C to 85°C –40°C to 125°C
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tpd
A or B
Y
1.8V ± 0.15V
1
3.8
8.4
1
8.9
1
10.4
ns
2.5V ± 0.2V
1
2.9
6.9
1
7.4
1
9.5
2.7V
1
3
5.2
1
5.4
1
7
3.3V ± 0.3V
1
3.6
4.2
1
4.4
1
5.5
SN54LVC02A, SN74LVC02A
SCAS280R – JANUARY 1993 – REVISED MARCH 2024
www.ti.com
6
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: SN54LVC02A SN74LVC02A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com