Electronic Components Datasheet Search
  English  ▼

X  

BES0300 Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BES0300
Description  Inductive Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BES0300 Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BES0300 Datasheet HTML 1Page - Balluff Korea Ltd. BES0300 Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Inductive Sensors
BES Q40KFU-GNX35F-S92G-EEX
Order Code: BES0300
Internet
www.balluff.com
eCl@ss 9.1: 27-27-01-01
Subject to change without notice: 274643
ETIM 6.0: EC002714
BES0300_1.4_2023-12-20
2 / 2
Electrical data
Current consumption max., damped
1 mA
Current consumption min., undamped
2.1 mA
Internal capacitance Ci max.
220 nF
Internal inductance Li max.
0.71 nH
Operating voltage Ub
7.7...9 VDC
Rated insulation voltage Ui
75 V DC
Rated operating voltage Ue DC
8.2 V
Rated series resistance Rv
1000 Ohm
Ready delay tv max.
30 ms
Switching frequency
100 Hz
Environmental conditions
Ambient temperature
-20...70 °C
EN 60068-2-27, Shock
Half-sinus, 30 g , 11 ms
EN 60068-2-6, Vibration
55 Hz, amplitude 1 mm, 3x30 min
IP rating
IP67
Functional safety
MTTF (40 °C)
2935 a
Interface
Interface
NAMUR
Material
Housing material
PPE
PPS
Material sensing surface
PPE
Mechanical data
Dimension
40 x 40 x 66 mm
Installation
non-flush
Size
40x40
Range/Distance
Assured operating distance Sa
28 mm
Rated operating distance Sn
35 mm
Real switching distance sr
35 mm
Repeat accuracy max. (% of Sr)
5.0 %
Temperature drift max. (% of Sr)
10 %
Tolerance Sr
±10 %
Remarks
Operating manual must be followed.
Operate only with suitable approved switching amplifier.
Use only in approved intrinsically safe circuits with max. values Ui = 15 V, Ii = 50 mA, Pi = 120 mW.
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with no
warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
n
Connector Drawings
Wiring Diagrams



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com