Electronic Components Datasheet Search
  English  ▼

X  

SN74LVC32ADR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC32ADR
Description  SNx4LVC32A Quadruple 2-Input Positive-OR Gates
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC32ADR Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74LVC32ADR Datasheet HTML 3Page - Texas Instruments SN74LVC32ADR Datasheet HTML 4Page - Texas Instruments SN74LVC32ADR Datasheet HTML 5Page - Texas Instruments SN74LVC32ADR Datasheet HTML 6Page - Texas Instruments SN74LVC32ADR Datasheet HTML 7Page - Texas Instruments SN74LVC32ADR Datasheet HTML 8Page - Texas Instruments SN74LVC32ADR Datasheet HTML 9Page - Texas Instruments SN74LVC32ADR Datasheet HTML 10Page - Texas Instruments SN74LVC32ADR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
SN74LVC32A
UNIT
TA = 25°C
–40 to +85°C
–40 to +125°C
MIN
TYP MAX
MIN
MAX
MIN
MAX
Ci
VI = VCC or GND
3.3 V
5
pF
5.8 Switching Characteristics, SN54LVC32A
over operating free-air temperature range (unless otherwise noted) (see Load Circuit and Voltage Waveforms)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
SN54LVC32A
UNIT
–55 to +125°C
MIN
MAX
tpd
A or B
Y
2.7V
4.4
ns
3.3V ± 0.3V
1
3.8
5.9 Switching Characteristics, SN74LVC32A
over operating free-air temperature range (unless otherwise noted) (see Load Circuit and Voltage Waveforms)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
SN74LVC32A
UNIT
TA = 25°C
–40 to +85°C
–40 to +125°C
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tpd
A or B
Y
1.8V ± 0.15V
1
4.2
8.2
1
8.7
1
10.2
ns
2.5V ± 0.2V
1
2.6
4.9
1
5.4
1
6.9
2.7V
1
3
4.2
1
4.4
1
5.5
3.3V ± 0.3V
1
2.5
3.6
1
3.8
1
5
tsk(o)
3.3V ± 0.3V
1
1.5
ns
5.10 Operating Characteristics
TA = 25°C
PARAMETER
TEST
CONDITIONS
VCC
TYP
UNIT
Cpd
Power dissipation capacitance per gate
f = 10 MHz
1.8V
7.5
pF
2.5V
10.6
3.3V
12.5
5.11 Typical Characteristics
0
1
2
3
4
5
6
7
8
1.5
2.0
2.5
3.0
3.5
4.0
V
CC Input (V)
TPD
C001
Figure 5-1. TPD vs VCC (TA = 25°C)
www.ti.com
SN54LVC32A, SN74LVC32A
SCAS286S – JANUARY 1993 – REVISED MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: SN54LVC32A SN74LVC32A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com