Electronic Components Datasheet Search
  English  ▼

X  

BES0429 Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BES0429
Description  Inductive Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BES0429 Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BES0429 Datasheet HTML 1Page - Balluff Korea Ltd. BES0429 Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Inductive Sensors
BES Z06K-PSC16F-BP00,1-GS04
Order Code: BES0429
Internet
www.balluff.com
eCl@ss 9.1: 27-27-01-01
Subject to change without notice: 188830
ETIM 6.0: EC002714
BES0429_0.58_2023-02-20
2 / 2
Interface
Switching output
PNP normally open (NO)
Material
Housing material
PA 6.6
Material jacket
PUR
Mechanical data
Dimension
78.5 x 17 x 11.9 mm
Target size min.
M3x5 screw
Range/Distance
Hysteresis H max. (% of Sr)
15.0 %
Rated operating distance Sn
16 mm
Real switching distance sr
16 mm
Repeat accuracy max. (% of Sr)
10.0 %
Temperature drift max. (% of Sr)
10 %
Remarks
Sn value referenced to test plate made of steel ST37 16 mm x 16 mm.
20 m/s at Sn=5 mm (screw M3x5)
3 m/s at Sn=10 mm (screw M3x5)
Static detection of metallic parts
The sensor is functional again after the overload has been eliminated.
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with no
warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
Connector Drawings
Wiring Diagrams



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com