Electronic Components Datasheet Search
  English  ▼

X  

B59065 Datasheet(PDF) 2 Page - EPCOS

Part # B59065
Description  Heating Elements Metallized Round Disks, 230 V
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B59065 Datasheet(HTML) 2 Page - EPCOS

  B59065 Datasheet HTML 1Page - EPCOS B59065 Datasheet HTML 2Page - EPCOS B59065 Datasheet HTML 3Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
207 10/02
Electrical specifications and ordering codes
VBD
V
TRef
°C
Rmin
(V = VN)
Ω
Tsurf2)
(V = VN)
°C
RN
(Vmeas ≤ 1,5 V)
Ω
Ordering code
400
50
5001)
100
1200
B59065A0050A010
400
70
400
110
1200
B59065A0070A010
400
90
345
125
1200
B59065A0090A010
400
110
275
140
1200
B59065A0110A010
400
130
240
160
1200
B59065A0130A010
400
150
200
180
1200
B59065A0150A010
400
180
150
200
1200
B59065A0180A010
400
220
180
235
1700
B59065A0220A010
340
270
150
280
1700
B59065A0270A010
Characteristics (typical)
PTC resistance RPTC versus PTC temperature TPTC
(measured at low signal voltage)
1) T (RPTC = Rmin) < 25°C
2) Measured between points
0
PTC
R
PTC
T
TPT0314-1
Ω
10 2
B59065A0**0A010
Ref
90 ˚C
110 ˚C
70 ˚C
50 ˚C
T
50
100
150
200
10 3
10 4
10 5
10 6
10 7
10 9
˚C
0
PTC
R
PTC
T
TPT0313-S
Ω
10 2
50 100 150 200 250 300
400
10 3
10 4
10 5
10 6
10 7
B59065A0**0A010
Ref
180 ˚C
220 ˚C
150 ˚C
130 ˚C
T
270 ˚C
˚C
B59065
A 65
Metallized Round Disks, 230 V
Heating Elements



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com