Electronic Components Datasheet Search
  English  ▼

X  

B25839 Datasheet(PDF) 3 Page - EPCOS

Part # B25839
Description  Capacitors for Power Electronics
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25839 Datasheet(HTML) 3 Page - EPCOS

  B25839 Datasheet HTML 1Page - EPCOS B25839 Datasheet HTML 2Page - EPCOS B25839 Datasheet HTML 3Page - EPCOS B25839 Datasheet HTML 4Page - EPCOS B25839 Datasheet HTML 5Page - EPCOS B25839 Datasheet HTML 6Page - EPCOS B25839 Datasheet HTML 7Page - EPCOS B25839 Datasheet HTML 8Page - EPCOS B25839 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Siemens Matsushita Components
207
Technical data
Standards
IEC 1071-1/2
EN 61071-1/2
VDE 0560 part 120 and 121
Dielectric dissipation factor
tan
δ
0
2 · 10–4
Max. repetitive rate
of voltage rise
(d
u/dt)max
Max. non-repetitive rate
of voltage rise
(d
u/dt)s
Climatic data:
Min. operating temperature
Θ
min
– 25
°C
Max. operating temperature
Θ
max
+ 85
°C
Average relative humidity
≤ 95 % (B 25 839-K)
≤ 75 % (B 25 839-C)
Failure quota
α
FQ(co)
100 failures per 109 component hours (B 25 839-K)
1000 failures per 109 component hours (B 25 839-C)
Load duration
tLD(co)
100 000 h
Storage temperature limit
Θ
stg
– 55/+ 85
°C
IEC climatic category
(IEC 68-1 and 2)
25/085/56
Test A, cold
Test B, dry heat
Test Ca, damp heat, steady state
– 25
°C
+ 85
°C
56 days/40
°C/93 % rel. humidity
Values after test Ca:
Capacitance change
∆C/C
≤ 1 %
Insulation resistance
Ris
Dissipation factor change
∆tan δ
Test data:
AC test voltage between terminals
UTT
1,25 ·
UN, 50 Hz, 10 s (or DC 1,75 · UN, 10 s)
Insulation resistance
Ris
Dissipation factor (50 Hz)
tan
δ≤ 3 · 10–4
î
C
----
I S
C
----
B 25 839-K
B 25 839-C
≥ 10000 MΩ≥ 1000 MΩ
≤ 1 · 10–4
≤ 3 · 10–4
B 25 839-K
B 25 839-C
≥ 10000 MΩ≥ 3000 MΩ
B 25 839
Coupling, Damping



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com