Electronic Components Datasheet Search
  English  ▼

X  

2012E Datasheet(PDF) 1 Page - Yuechung International Corp.

Part # 2012E
Description  2012E,2012ES,1610E Series: Tuning Fork SMD Quartz Crystal
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YIC [Yuechung International Corp.]
Direct Link  https://www.yic.com.tw/en/home-en/
Logo YIC - Yuechung International Corp.

2012E Datasheet(HTML) 1 Page - Yuechung International Corp.

  2012E Datasheet HTML 1Page - Yuechung International Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - 2012E

ManufacturerPart #DatasheetDescription
logo
Altech corporation
2012E13 ALTECH-2012E13 Datasheet
252Kb / 1P
22 mm Aluminum Enclosure 2007E13 and 2012E13
More results

Similar Description - 2012E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ECX-205 ETC1-ECX-205 Datasheet
110Kb / 1P
SMD TUNING FORK CRYSTAL
logo
Pericom Semiconductor C...
32S12 PERICOM-32S12 Datasheet
235Kb / 2P
Tuning Fork Quartz Crystal 32.768 kHz Plastic SMD
logo
List of Unclassifed Man...
MTF32 ETC2-MTF32 Datasheet
117Kb / 2P
Tuning Fork Quartz Crystal
logo
ECS, Inc.
ECX-306X ECS-ECX-306X Datasheet
318Kb / 1P
SMD TUNING FORK CRYSTAL
ECX-39 ECS-ECX-39 Datasheet
182Kb / 1P
SMD TUNING FORK CRYSTAL
logo
Vanlong Technology Co.,...
WX26B VANLONG-WX26B Datasheet
39Kb / 1P
Tuning Fork Quartz Crystal
WX26B VANLONG-WX26B_13 Datasheet
55Kb / 1P
Tuning Fork Quartz Crystal
logo
ECS, Inc.
ECX-71 ECS-ECX-71 Datasheet
170Kb / 2P
SMD TUNING FORK CRYSTAL
ECX-12L ECS-ECX-12L Datasheet
566Kb / 1P
SMD TUNING FORK CRYSTAL
logo
Vanlong Technology Co.,...
WX-SERIES VANLONG-WX-SERIES Datasheet
42Kb / 1P
Tuning Fork Quartz Crystal
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com