Electronic Components Datasheet Search
  English  ▼

X  

SAW Datasheet(PDF) 1 Page - Yuechung International Corp.

Part # SAW
Description  SAW Filter for wireless Remote Controller
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YIC [Yuechung International Corp.]
Direct Link  https://www.yic.com.tw/en/home-en/
Logo YIC - Yuechung International Corp.

SAW Datasheet(HTML) 1 Page - Yuechung International Corp.

  SAW Datasheet HTML 1Page - Yuechung International Corp. SAW Datasheet HTML 2Page - Yuechung International Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - SAW

ManufacturerPart #DatasheetDescription
logo
Eravant
SAW-3533532716-28-L2-WR ERAVANT-SAW-3533532716-28-L2-WR Datasheet
390Kb / 5P
Ka Band Slotted Waveguide Array Antenna, 35 GHz, 27 dBi, 16° x 2°
Rev 1.1
SAW-9329522716-90-L2-WR ERAVANT-SAW-9329522716-90-L2-WR Datasheet
376Kb / 5P
X-Band Slotted Waveguide Array Antenna, 9.375 GHz, 26 dBi, 19° x 3°
Rev 1.1
SAW-9629822716-90-L2-WR ERAVANT-SAW-9629822716-90-L2-WR Datasheet
316Kb / 5P
X-Band Slotted Waveguide Array Antenna, 9.7 GHz, 27 dBi, 16° x 2°
Rev 1.2
logo
Seoul Semiconductor
SAW09A0A SEOUL-SAW09A0A Datasheet
789Kb / 21P
Superior high Flux for High Voltage System
SAW09H0A SEOUL-SAW09H0A Datasheet
823Kb / 24P
Superior high Flux for High Voltage System
More results

Similar Description - SAW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FF0433M92-TEA3 ETC-FF0433M92-TEA3 Datasheet
80Kb / 3P
RF SAW Filter for Wireless Remote Controller
DSR435.72A01-SD02 ETC1-DSR435.72A01-SD02 Datasheet
70Kb / 1P
SAW Resonator for Wireless Remote Controller
DSR435.72A01-SS51 ETC1-DSR435.72A01-SS51 Datasheet
72Kb / 1P
SAW Resonator for Wireless Remote Controller
TX-F01 ETC2-TX-F01 Datasheet
269Kb / 5P
Wireless Remote Controller/Transmitter
TX-F02 ETC2-TX-F02 Datasheet
264Kb / 5P
Wireless Remote Controller/Transmitter
TX-F03 ETC2-TX-F03 Datasheet
270Kb / 5P
Wireless Remote Controller/Transmitter
TX-F04 ETC2-TX-F04 Datasheet
344Kb / 5P
Wireless Remote Controller/Transmitter
TX-FM04 ETC2-TX-FM04 Datasheet
290Kb / 4P
Wireless Remote Controller/Transmitter
logo
Mean Well Enterprises C...
RFP-M1M3-3A MEANWELL-RFP-M1M3-3A Datasheet
1Mb / 3P
Wireless dimming remote controller
RFP-M8M4-5A MEANWELL-RFP-M8M4-5A Datasheet
2Mb / 4P
Wireless RGBW remote controller
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com