Electronic Components Datasheet Search
  English  ▼

X  

ZTAXMX Datasheet(PDF) 1 Page - Yuechung International Corp.

Part # ZTAXMX
Description  ZTA - DIP Series of Ceramic Resonator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YIC [Yuechung International Corp.]
Direct Link  https://www.yic.com.tw/en/home-en/
Logo YIC - Yuechung International Corp.

ZTAXMX Datasheet(HTML) 1 Page - Yuechung International Corp.

  ZTAXMX Datasheet HTML 1Page - Yuechung International Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ZTA□MT/MX Series
ZTARS□MG Series
ZTAWS□MG Series
●
TEST CIRCUIT FOR MOS IC
●
TECHNICAL CHARACTERISTICS
●
DIMENSIONS (UNIT : mm)
ZTACC□MG Series
ZTACP□MG Series
ZTACS□MT/MX Series
ZTACV□MT/MX Series
ZTACW□MX Series
①
Input
②
Output
●
RECOMMENDED LAND PATTERN
ZTACR□MG Series
ZTACC□MG Series
ZTACP□MG Series
ZTACS□MT/MX Series
ZTACR□MG Series
ZTACV□MT/MX Series
ZTACW□MX Series
①
Input
②
NC
③
Output
●
TECHNICAL CHARACTERISTICS
± 0.3
13.01 - 60.00
16.00 - 60.00
20.00 - 60.00
ZTACV□MT
ZTACS□MX
ZTACV□MX
ZTACW□MX
± 0.3
± 0.3
± 0.3
± 0.3
± 0.4
± 0.4
± 0.3
± 0.3
± 0.5
± 0.5
6.00 - 13.00
± 0.5
-25 ~ +85
-25 ~ +85
± 0.3
-25 ~ +85
DIMENSIONS (UNIT : mm)
W1
3.4± 0.2
3.0± 0.2
4.1± 0.2
3.1± 0.2
2.0± 0.2
2.0± 0.1
± 0.5
0.4± 0.2
Size Code
Part Number
-25 ~ +85
-40 ~ +125
-25 ~ +85
-25 ~ +85
-25 ~ +85
-25 ~ +85
± 0.3
± 0.1
± 0.3
± 0.3
Operating
Temperature (°C)
3.9± 0.2
3.0± 0.2
2.0± 0.2
T3
-
-
1.5± 0.1
-
-
-
Operating
Temperature (°C)
-25 ~ +85
-25 ~ +85
Aging For
Ten Year (%)
± 0.3
± 0.3
-25 ~ +85
Circuit Constants
C1 (PF)
C2 (PF)
Part Number
Frequency Range
ZTA□MX
± 0.5
8.00 - 13.00
Part Number
ZTA□MT
ZTA□MX
ZTARS□MG
Aging For
Ten Year (%)
Frequency Accuracy
(25°C)
Frequency Range
(MHz)
Stability Temperature
(-20~+80°C) max.(%)
± 0.3
± 0.3
± 0.3
± 0.3
6.00 - 13.00
12.00 - 60.00
8.00 - 12.50
± 0.5
30
15
5
0.8± 0.1
4.8± 0.2
5.0± 0.2
20.01 - 25.99
26.00 - 60.00
30
15
5
± 0.3
0.7± 0.2
0.8± 0.2
0.8± 0.1
1.2± 0.2
1.2± 0.2
T2
T1
12.00 - 20.00
± 0.5
± 0.5
1.80 - 12.00
4.00 - 8.00
± 0.5
ZTACP□MG
ZTACR□MG
ZTACS□MT
Frequency Range
(MHz)
Stability Temperature
(-20~+85°C) max.(%)
1.80 - 8.00
ZTACC□MG
Frequency
Accuracy (25°C)
Part Number
± 0.5
± 0.3
± 0.2
± 0.3
± 0.5
ZTAWS□MG
ZTACC□MG
ZTACP□MG
ZTACR□MG
ZTACS□MT/MX
ZTACV□MT/MX
ZTACW□MX
1.79 - 6.00
± 0.5
Ceramic Resonator (ZTA/ZTARS/ZTAWS/ZTACC/ZTACP/ZTACR/ZTACS/ZTACV/ZTACWSeries)
ZTA - DIP Series of Ceramic Resonator
1.79 - 60.00MHz
ZTA - SMD Series of Ceramic Resonator
1.80 - 60.00MHz


Similar Part No. - ZTAXMX

ManufacturerPart #DatasheetDescription
logo
auris-GmbH
ZTA AURIS-ZTA Datasheet
147Kb / 1P
Resonator THT, 2 Pin
logo
ECM Electronics Limited...
ZTA ECM-ZTA Datasheet
99Kb / 1P
Electronics Ceramic Resonator
logo
List of Unclassifed Man...
ZTA ETC2-ZTA Datasheet
162Kb / 1P
CERAMIC RESONATOR
ZTA ETC2-ZTA Datasheet
61Kb / 1P
2.000MHz to 25.000MHz
logo
EUROQUARTZ limited
ZTA EUROQUARTZ-ZTA Datasheet
49Kb / 1P
CERAMIC RESONATORS
More results

Similar Description - ZTAXMX

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CST8 MURATA-CST8 Datasheet
457Kb / 10P
Technical Data of Ceramic Resonator
logo
List of Unclassifed Man...
CSBLA1M ETC-CSBLA1M Datasheet
71Kb / 12P
Technical Data of Ceramic Resonator
logo
Murata Manufacturing Co...
CSTCC10M0G53-R0 MURATA-CSTCC10M0G53-R0 Datasheet
503Kb / 13P
Specification of Piezoelectric Ceramic Resonator
logo
PETERMANN-TECHNIK
ZTARS-MG PETERMANN-ZTARS-MG Datasheet
994Kb / 3P
THT ZTA SERIES CERAMIC RESONATORS
ZTA-MT-MX PETERMANN-ZTA-MT-MX Datasheet
911Kb / 3P
THT ZTA SERIES CERAMIC RESONATORS
logo
Murata Manufacturing Co...
CSTNE8M00G52A000R0 MURATA-CSTNE8M00G52A000R0 Datasheet
1,001Kb / 19P
Specification of Piezoelectric Ceramic Resonator
CSTNE10M0GH5L000R0 MURATA-CSTNE10M0GH5L000R0 Datasheet
602Kb / 16P
Specification of Piezoelectric Ceramic Resonator
CSTNE12M0G520000R0 MURATA-CSTNE12M0G520000R0 Datasheet
903Kb / 16P
Specification of Piezoelectric Ceramic Resonator
CSTNE12M0GH5C000R0 MURATA-CSTNE12M0GH5C000R0 Datasheet
659Kb / 19P
Specification of Piezoelectric Ceramic Resonator
logo
AiT Semiconductor Inc.
ZTA AITSEMI-ZTA Datasheet
178Kb / 1P
CERAMIC RESONATOR ZTA/ZTACx
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com