Electronic Components Datasheet Search
  English  ▼

X  

B59101 Datasheet(PDF) 2 Page - EPCOS

Part # B59101
Description  Heating Elements Metallized Rectangular Disks, 230 V
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B59101 Datasheet(HTML) 2 Page - EPCOS

  B59101 Datasheet HTML 1Page - EPCOS B59101 Datasheet HTML 2Page - EPCOS B59101 Datasheet HTML 3Page - EPCOS B59101 Datasheet HTML 4Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
209 10/02
Electrical specifications and ordering codes
VBD
V
TRef
°C
Rmin
(V = VN)
Ω
Tsurf2)
(V = VN)
°C
RN
(Vmeas ≤ 1,5 V)
Ω
Ordering code
400
50
2251)
100
700
B59101R0050A010
400
70
130
115
700
B59101R0070A010
400
90
115
130
700
B59101R0090A010
400
110
100
145
700
B59101R0110A010
400
130
105
160
700
B59101R0130A010
400
150
90
180
700
B59101R0150A010
400
180
66
205
700
B59101R0180A010
400
220
80
240
1000
B59101R0220A010
400
240
75
255
1000
B59101R0240A010
340
270
85
280
1300
B59101R0270A010
320
290
78
295
1300
B59101R0290A010
1) T (RPTC = Rmin) < 25°C
2) Measured between points
B59101
R 101
Metallized Rectangular Disks, 230 V
Heating Elements



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com