Electronic Components Datasheet Search
  English  ▼

X  

TUSB1105 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1105
Description  ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1105 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TUSB1105 Datasheet HTML 6Page - Texas Instruments TUSB1105 Datasheet HTML 7Page - Texas Instruments TUSB1105 Datasheet HTML 8Page - Texas Instruments TUSB1105 Datasheet HTML 9Page - Texas Instruments TUSB1105 Datasheet HTML 10Page - Texas Instruments TUSB1105 Datasheet HTML 11Page - Texas Instruments TUSB1105 Datasheet HTML 12Page - Texas Instruments TUSB1105 Datasheet HTML 13Page - Texas Instruments TUSB1105 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
www.ti.com
Static Electrical Characteristics – Analog I/O Pins
TUSB1105, TUSB1106
ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS
SCAS818C – MAY 2006 – REVISED DECEMBER 2006
over recommended ranges of operating free-air temperature and supply voltage, V
CC = 4 V to 5.5 V or Vreg(3.3) = 3 V to 3.6 V,
V
GND = 0 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDI
Differential input sensitivity
|VI(D+) – VI(D–)|
0.2
V
VCM
Differential common-mode voltage
Includes VDI range
0.8
2.5
V
VIL
LOW-level input voltage, single-ended receiver
2
0.8
V
VIH
HIGH-level input voltage, single-ended receiver
0.4
V
Vhys
Hysteresis voltage, single-ended receiver
0.7
V
VOL
LOW-level output voltage
RL = 1.5 kΩ to 3.6 V
0.3
V
VOH
HIGH-level output voltage
RL = 1.5 kΩ to GND
2.8(1)
3.6
V
ILZ
OFF-state leakage current
1
µA
CIN
Transceiver capacitance
Pin to GND
25
pF
ZDRV
Driver output impedance
Steady-state drive
34(2)
39
44
Ω
ZINP
Input impedance
10
M
Ω
RSW
Internal switch resistance at Vpu(3.3)
13
Ω
VTERM
Termination voltage for upstream port pullup (RPU)
3(3)(4)
3.6
V
(1)
VOH(min) = Vreg(3.3) – 0.2 V
(2)
Includes external resistors of 33
Ω ±1% on both D+ and D–
(3)
This voltage is available at Vreg(3.3) and Vpu(3.3).
(4)
In suspend mode, the minimum voltage is 2.7 V.
10
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com