Electronic Components Datasheet Search
  English  ▼

X  

TUSB1106 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1106
Description  ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1106 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TUSB1106 Datasheet HTML 4Page - Texas Instruments TUSB1106 Datasheet HTML 5Page - Texas Instruments TUSB1106 Datasheet HTML 6Page - Texas Instruments TUSB1106 Datasheet HTML 7Page - Texas Instruments TUSB1106 Datasheet HTML 8Page - Texas Instruments TUSB1106 Datasheet HTML 9Page - Texas Instruments TUSB1106 Datasheet HTML 10Page - Texas Instruments TUSB1106 Datasheet HTML 11Page - Texas Instruments TUSB1106 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
www.ti.com
Static Electrical Characteristics – Supply Pins
TUSB1105, TUSB1106
ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS
SCAS818C – MAY 2006 – REVISED DECEMBER 2006
over recommended ranges of operating free-air temperature and supply voltage (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
Regulated
Vreg(3.3)
Internal regulator option, Iload ≤ 300 µA(1)(2)
3
3.3
3.6
V
supply-voltage output
Full-speed transmitting and receiving at 12 Mbit/s,
ICC
Operating supply current
6
8
mA
CL = 50 pF on D+ and D–(3)
ICC(I/O)
Operating I/O supply current
Full-speed transmitting and receiving at 12 Mbit/s(3)
2.3
2.5
mA
Full-speed idle:
Supply current during
VD+ > 2.7 V, VD– < 0.3 V
ICC(idle)
500
µA
full-speed idle and SE0
SE0:
VD+ < 0.3 V, VD– < 0.3 V(4)
ICC(I/O)(static)
Static I/O supply current
Full-speed idle, SE0 or suspend
10
22
µA
ICC(susp)
Suspend supply current
SUSPND = HIGH(4)
10
22
µA
ICC(dis)
Disable-mode supply current
VCC(I/O) not connected(4)
10
22
µA
Sharing-mode I/O
ICC(I/O)(sharing)
VCC(5.0) or Vreg(3.3) not connected
10
22
µA
supply current
Sharing-mode load current
VCC(5.0) or Vreg(3.3) not connected,
IDx(sharing)
10
µA
on D+ and D–
SOFTCON = LOW, VDx = 3.6 V
Supply lost
0.8
during power down
Regulated supply-voltage
1.65 V
≤ V
CC(I/O) ≤ Vreg(3.3),
Vreg(3.3)th
V
detection threshold
2.7 V
≤ V
reg(3.3) ≤ 3.6 V
Supply detect
2.4
during power up(5)
Regulated supply-voltage
Vreg(3.3)hys
VCC(I/O) = 1.8 V
0.45
V
detection hysteresis
Supply lost
0.5
during power down
I/O supply-voltage
VCC(I/O)th
Vreg(3.3) = 2.7 V to 3.6 V
V
detection threshold
Supply detect
1.4
during power up
I/O supply-voltage
VCC(I/O)hys
Vreg(3.3) = 3.3 V
0.45
V
detection hysteresis
(1)
Iload includes the pullup resistor current via Vpu(3.3).
(2)
In suspend mode, the typical voltage is 2.8 V (see XX).
(3)
Maximum value is characterized only, not tested in production.
(4)
Excluding any load current and Vpu(3.3)/Vsw source current to the 1.5-kΩ and 15-kΩ pullup and pulldown resistors (200 µA typ)
(5)
When VCC(I/O) < 2.7 V, the minimum value for Vreg(3.3)th (present) is 2 V.
8
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com