Electronic Components Datasheet Search
  English  ▼

X  

TUSB1106PWR Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1106PWR
Description  ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1106PWR Datasheet(HTML) 18 Page - Texas Instruments

Back Button TUSB1106PWR Datasheet HTML 14Page - Texas Instruments TUSB1106PWR Datasheet HTML 15Page - Texas Instruments TUSB1106PWR Datasheet HTML 16Page - Texas Instruments TUSB1106PWR Datasheet HTML 17Page - Texas Instruments TUSB1106PWR Datasheet HTML 18Page - Texas Instruments TUSB1106PWR Datasheet HTML 19Page - Texas Instruments TUSB1106PWR Datasheet HTML 20Page - Texas Instruments TUSB1106PWR Datasheet HTML 21Page - Texas Instruments TUSB1106PWR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
www.ti.com
V
pu(3.3)
V
CC(5.0)
V
reg(3.3)
1.65Vto 3.6V
System ASIC
15kW
V
BUS
=5V
D–
D+
SPEED
SOFTCON
RCV
VPO/VO
VP
VM
OE
SUSPND
MODE
(A)
VMO/FSE0
V
CC(I/O)
0.1µF
V
CC
33 W
33 W
0.1µF
0.1µF
15kW
TUSB1105/1106
GND
GND
GND
GND
GND
GND
GND
Host-Side (VCC(5.0) Supplied From VBUS Pin)
TUSB1105, TUSB1106
ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS
SCAS818C – MAY 2006 – REVISED DECEMBER 2006
APPLICATION INFORMATION (continued)
A.
Only for TUSB1105
Figure 12. Host-Side (VCC(5.0) Supplied From VBUS Pin)
If there is no 3.3-V supply on board, the VBUS supply can support the USB-side power needs. The on-chip
regulator generates the 3.3-V internal supply rail, which is required for the USB signal levels. The logic-side I/Os
can operate at any voltage range from 1.65 V to 3.6 V. Powering VCC(5.0) through the VBUS port of the USB
connector realizes significant power saving for portable applications, such as cell phones, PDAs, etc. In this
operating mode, the ICC(5.0) current is fed from the external source. The USB-side power consumption, ICC(5.0) is
4 mA, as opposed to logic-side ICC(IO) of 1 mA under full-speed operation.
18
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com