Electronic Components Datasheet Search
  English  ▼

X  

B43304 Datasheet(PDF) 7 Page - EPCOS

Part # B43304
Description  Snap-In Capacitors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43304 Datasheet(HTML) 7 Page - EPCOS

Back Button B43304 Datasheet HTML 3Page - EPCOS B43304 Datasheet HTML 4Page - EPCOS B43304 Datasheet HTML 5Page - EPCOS B43304 Datasheet HTML 6Page - EPCOS B43304 Datasheet HTML 7Page - EPCOS B43304 Datasheet HTML 8Page - EPCOS B43304 Datasheet HTML 9Page - EPCOS B43304 Datasheet HTML 10Page - EPCOS B43304 Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
229 10/02
Miniaturized – 85 °C
B43304
Technical data and ordering codes
UR
VDC
CR
100 Hz
20 °C
µF
Case
dimensions
d
× l
mm
ESRtyp
100 Hz
20
°C
m
Ω
Zmax
10 kHz
20
°C
m
Ω
I~max
100 Hz
40 °C
A
I~R1)
100 Hz
85
°C
A
Ordering code2)
200
330
22
× 25
470
560
2,7
1,2
B43304A2337M000
390
22
× 30
400
480
3,1
1,4
B43304A2397M000
390
25
× 25
400
480
3,2
1,4
B43304B2397M000
470
22
× 35
330
400
3,6
1,6
B43304A2477M000
470
25
× 30
330
400
3,7
1,7
B43304B2477M000
560
22
× 35
280
330
4,0
1,8
B43304A2567M000
560
25
× 30
280
330
4,1
1,8
B43304B2567M000
680
22
× 40
230
280
4,6
2,1
B43304A2687M000
680
25
× 35
230
280
4,7
2,1
B43304B2687M000
680
30
× 25
230
280
4,6
2,1
B43304C2687M000
820
22
× 45
190
230
5,3
2,4
B43304A2827M000
820
25
× 40
190
230
5,5
2,5
B43304B2827M000
820
30
× 30
190
230
5,4
2,4
B43304C2827M000
820
35
× 25
190
230
5,6
2,6
B43304D2827M000
1 000
25
× 45
160
190
6,3
2,9
B43304A2108M000
1 000
30
× 35
160
190
6,2
2,8
B43304B2108M000
1 000
35
× 30
160
190
6,6
3,0
B43304C2108M000
1 200
25
× 50
130
160
7,2
3,3
B43304A2128M000
1 200
30
× 40
130
160
7,2
3,3
B43304B2128M000
1 200
35
× 30
130
160
7,2
3,3
B43304C2128M000
1 500
30
× 45
110
130
8,4
3,8
B43304A2158M000
1 500
35
× 35
110
130
8,5
3,9
B43304B2158M000
1 800
30
× 50
90
110
8,7
4,0
B43304A2188M000
1 800
35
× 40
90
110
8,9
4,0
B43304B2188M000
2 200
35
× 45
70
90
10,2
4,6
B43304A2228M000
1) 120 Hz conversion factor of ripple current:
I~ (120 Hz) = 1,03 · I~ (100 Hz)
2) Ordering code for standard terminals (6,3 mm).
To determine the ordering code for short terminals (4,5 mm) and 3 terminals (4,5 mm) see page 226.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com