Electronic Components Datasheet Search
  English  ▼

X  

AD1928 Datasheet(PDF) 1 Page - Analog Devices

Part # AD1928
Description  2 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1928 Datasheet(HTML) 1 Page - Analog Devices

  AD1928 Datasheet HTML 1Page - Analog Devices AD1928 Datasheet HTML 2Page - Analog Devices AD1928 Datasheet HTML 3Page - Analog Devices AD1928 Datasheet HTML 4Page - Analog Devices AD1928 Datasheet HTML 5Page - Analog Devices AD1928 Datasheet HTML 6Page - Analog Devices AD1928 Datasheet HTML 7Page - Analog Devices AD1928 Datasheet HTML 8Page - Analog Devices AD1928 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
2 ADC/8 DAC with PLL,
192 kHz, 24-Bit Codec
AD1928
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
PLL-generated or direct master clock
Low EMI design
108 dB DAC/107 dB ADC dynamic range and SNR
−94 dB THD + N
3.3 V single supply
Tolerance for 5 V logic inputs
Supports 24 bits and 8 kHz to 192 kHz sample rates
Differential ADC input
Single-ended DAC output
Log volume control with autoramp function
SPI® controllable for flexibility
Software-controllable clickless mute
Software power-down
Right-justified, left-justified, I2S-justified, and TDM modes
Master and slave modes up to 16-channel input/output
48-lead LQFP
APPLICATIONS
Automotive audio systems
Home theater systems
Set-top boxes
Digital audio effects processors
GENERAL DESCRIPTION
The AD1928 is a high performance, single-chip codec that
provides two analog-to-digital converters (ADCs) with differ-
ential input and eight digital-to-analog converters (DACs) with
single-ended output using the Analog Devices, Inc., patented
multibit sigma-delta (Σ-Δ) architecture. An SPI port is included,
allowing a microcontroller to adjust volume and many other
parameters. The AD1928 operates from 3.3 V digital and analog
supplies. The AD1928 is available in a 48-lead (single-ended
output) LQFP package. Other members of this family include a
differential DAC output and I2C® control port versions.
The AD1928 is designed for low EMI. This consideration is
apparent in both the system and circuit design architectures.
By using the on-board PLL to derive the master clock from the
LR clock or from an external crystal, the AD1928 eliminates the
need for a separate high frequency master clock and can be
used with a suppressed bit clock. The digital-to-analog and
analog-to-digital converters are designed using the latest
Analog Devices continuous time architectures to further
minimize EMI. By using 3.3 V supplies, power consumption is
minimized, further reducing emissions.
FUNCTIONAL BLOCK DIAGRAM
SERIAL DATA PORT
AD1928
ADC
ADC
DAC
DAC
DAC
DAC
DAC
DAC
DAC
DAC
SDATA
OUT
SDATA
IN
CLOCKS
ANALOG
AUDIO
OUTPUTS
DIGITAL
FILTER
AND
VOLUME
CONTROL
DIGITAL AUDIO
INPUT/OUTPUT
TIMING MANAGEMENT
AND CONTROL
(CLOCK AND PLL)
CONTROL PORT
SPI/I2C
ANALOG
AUDIO
INPUTS
QUAD
DEC
FILTER
48kHz/
96kHz/
192kHz
CONTROL DATA
INPUT/OUTPUT
PRECISION
VOLTAGE
REFERENCE
Figure 1.


Similar Part No. - AD1928

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1928 AD-AD1928_15 Datasheet
419Kb / 32P
2 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
REV. B
More results

Similar Description - AD1928

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1939 AD-AD1939 Datasheet
607Kb / 32P
4 ADC/8 DAC with PLL, 192 kHz, 24-Bit CODEC
7/06-Revision 0
ADAU1328 AD-ADAU1328 Datasheet
543Kb / 32P
2 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
6/06-Revision 0
AD1935 AD-AD1935 Datasheet
381Kb / 30P
4 ADC/8 DAC with PLL, 192 kHz, 24 Bit CODEC
AD1938 AD-AD1938 Datasheet
559Kb / 32P
4 ADC/8 DAC with PLL, 192 kHz, 24-Bit CODEC
5/06-Revision 0
AD1938WBSTZ-RL AD-AD1938WBSTZ-RL Datasheet
472Kb / 32P
4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
AD1939WBSTZ AD-AD1939WBSTZ Datasheet
485Kb / 32P
4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
AD1928 AD-AD1928_15 Datasheet
419Kb / 32P
2 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
REV. B
AD1938 AD-AD1938_15 Datasheet
472Kb / 32P
4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
AD1939 AD-AD1939_15 Datasheet
485Kb / 32P
4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
ADAU1328 AD-ADAU1328_15 Datasheet
428Kb / 32P
2 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com